Electronic Components Datasheet Search
  English  ▼

X  

1N5812 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 1N5812
Description  Ultrafast Recovery Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

1N5812 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  1N5812 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 1N5812 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISUM6116
eq 1N5812
Ultrafast Recovery Diodes
www.iscsemi.com
1
DESCRIPTION
· Stud cathode and stud anode version
· Avalanche types available
· High surge current capability
· Wide current range
APPLICATIONS
· Battery charges
· Converters
· Power supplies
· Machine tool controls
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
50
V
IF(AV)
Average Forward Current
20
A
IFMS
Peak Forward Surge Current
8.3ms, half sine
400
A
VF
Maximum Instantaneous Forward Voltage
IF= 10A, TJ=25℃
0.89
V
IF= 20A, TJ=25℃
0.97
IR
Reverse current
VR=50V,TJ=25℃
10
uA
VR=50V,TJ=100℃
1
mA
Rth j-c
Max. thermal resistance junction to case
1.5
K/W
TJ
Junction Temperature
-65~ 175
℃
Tstg
Storage Temperature Range
-65~ 175
℃


Similar Part No. - 1N5812

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5812 MCC-1N5812 Datasheet
124Kb / 2P
20 Amp Ultra Fast Recovery Rectifier 50 to 150 Volts
logo
Microsemi Corporation
1N5812 MICROSEMI-1N5812 Datasheet
114Kb / 1P
ULTRA FAST RECOVERY RECTIFIERS
1N5812 MICROSEMI-1N5812 Datasheet
59Kb / 1P
FAST RECOVERY POWER RECTIFIER
1N5812 MICROSEMI-1N5812 Datasheet
77Kb / 3P
HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
logo
Digitron Semiconductors
1N5812 DIGITRON-1N5812 Datasheet
573Kb / 4P
RECTIFIERS HIGH EFFICIENCY
More results

Similar Description - 1N5812

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
MUR410 SYNSEMI-MUR410 Datasheet
35Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS DIODES
logo
EIC discrete Semiconduc...
1N5807 EIC-1N5807 Datasheet
98Kb / 2P
ULTRAFAST RECOVERY RECTIFIER DIODES
1N5807US EIC-1N5807US Datasheet
100Kb / 2P
ULTRAFAST RECOVERY RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
UFR300 TAYCHIPST-UFR300 Datasheet
2Mb / 2P
ULTRAFAST RECOVERY DIODES
logo
Diotec Semiconductor
UF5400 DIOTEC-UF5400_15 Datasheet
140Kb / 2P
Ultrafast Recovery Rectifier Diodes
1N4148 DIOTEC-1N4148_15 Datasheet
131Kb / 2P
Ultrafast Recovery Rectifier Diodes
UF4001 DIOTEC-UF4001_15 Datasheet
134Kb / 2P
Ultrafast Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
UF4001 SUNMATE-UF4001 Datasheet
315Kb / 2P
ULTRAFAST RECOVERY RECTIFIER DIODES
UF5400 SUNMATE-UF5400 Datasheet
305Kb / 2P
ULTRAFAST RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
UF4003GP DIOTEC-UF4003GP Datasheet
125Kb / 2P
Ultrafast Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com