Electronic Components Datasheet Search
  English  ▼

X  

79520 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 79520
Description  Recessed Pull Handles
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

79520 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  79520 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Recessed Pull Handles
Pull Handles
Order No.
Finish
79520.W0107
Stone Grey
79520.W0108
Light Grey
79520.W0109
Greyish White
79520
0333 207 4497
sales@wixroyd.com
1
Material
Thermoplastic PA 6, glass bead reinforce­
ment, fine­grain structure.
Threaded brass insert.
Technical Notes
Mounting: the front section is first set into
the mounting cut­out. The rear section is
then fitted to front section from the inte­
rior of the panel, and fixed with three
screws (supplied).
Minimum stress resistance 1000N.
Tips
This handle is suitable for different degrees
of panel thickness 1 to 5mm. Its design
guarantees that it fits securely at all times.


Similar Part No. - 79520

ManufacturerPart #DatasheetDescription
logo
Lapp.
79520600 LAPP-79520600 Datasheet
127Kb / 2P
EPIC® H-A 32 TG
29.08.2022
More results

Similar Description - 79520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT216 ETC1-MT216 Datasheet
335Kb / 2P
RECESSED LIGHTING LOW VOLTAGE
logo
Lumins Inc.
LX140 LUMINIS-LX140 Datasheet
96Kb / 2P
Semi-recessed wall mount
NT100R LUMINIS-NT100R Datasheet
113Kb / 2P
Wall recessed mount
logo
Dialight Corporation
SB4-W1C3-301 DIALIGHT-SB4-W1C3-301 Datasheet
95Kb / 2P
White LED Recessed Spot
logo
List of Unclassifed Man...
480 ETC2-480 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Grayhill, Inc
76SC02ST GRAYHILL-76SC02ST Datasheet
228Kb / 2P
Raised and Recessed Rocker
logo
List of Unclassifed Man...
MC19051001 ETC2-MC19051001 Datasheet
161Kb / 4P
3mm Prominent or Recessed
logo
Grayhill, Inc
76SB02ST GRAYHILL-76SB02ST Datasheet
430Kb / 2P
Raised and Recessed, Rocker
logo
Texas Instruments
TP3094 TI1-TP3094_12 Datasheet
131Kb / 20P
Handles four voice channels
logo
Keystone Electronics Co...
9121 KEYSTONE-9121 Datasheet
86Kb / 1P
INSTRUMENTATION HANDLES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com