Electronic Components Datasheet Search
  English  ▼

X  

79522 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 79522
Description  Handle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

79522 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  79522 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Handle
Pull Handles
Order No.
Panel thickness s
mm
79522.W0100
1,0-1,4
79522.W0140
1,4-1,8
79522.W0180
1,8-2,1
79522.W0210
2,1-2,5
79522
0333 207 4497
sales@wixroyd.com
1
Material
ABS resin, black, similar to RAL 9005, with
fine structure on the visible surfaces.
Technical Notes
Flush inset handle for lifting and pulling.
Unilateral, tool-less single-hole installa-
tion through self-locking, recessed handle.
Stress resistance: min. 400N when
installed in 1,2mm sheet steel. Max. values
depend on the strength of the mounting
wall.
Tips
Assembly: place the trough inset handle in
the cutout, so that the upper edge of the
cutout lies in the gap being the face of the
handle. Then press the bottom edge of the
handle into the cutout until it clearly locks
into place.


Similar Part No. - 79522

ManufacturerPart #DatasheetDescription
logo
Wixroyd Group Ltd
79520 WIXROYD-79520 Datasheet
84Kb / 1P
Recessed Pull Handles
logo
Lapp.
79520600 LAPP-79520600 Datasheet
127Kb / 2P
EPIC® H-A 32 TG
29.08.2022
logo
KNIPEX
7952125 KNIPEX-7952125 Datasheet
146Kb / 2P
Precision Electronics Diagonal Cutter
05.07.2021
7952125ESD KNIPEX-7952125ESD Datasheet
161Kb / 2P
Precision Electronics Side Cutter ESD
05.07.2021
logo
Molex Electronics Ltd.
79524-3002 MOLEX-79524-3002 Datasheet
487Kb / 2P
TelEnable??FDC Fax / Data Card
More results

Similar Description - 79522

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
H-9111 BUD-H-9111 Datasheet
41Kb / 1P
HANDLE
H-9115 BUD-H-9115 Datasheet
38Kb / 1P
HANDLE
H-9160 BUD-H-9160 Datasheet
36Kb / 1P
HANDLE
H-9170 BUD-H-9170 Datasheet
40Kb / 1P
HANDLE
logo
List of Unclassifed Man...
H-9111-B ETC2-H-9111-B Datasheet
97Kb / 1P
HANDLE
H-9161-B ETC2-H-9161-B Datasheet
38Kb / 2P
HANDLE
H-9177-B ETC2-H-9177-B Datasheet
95Kb / 1P
HANDLE
3090-H ETC2-3090-H Datasheet
73Kb / 1P
HANDLE
3090-J ETC2-3090-J Datasheet
77Kb / 1P
HANDLE
logo
Schneider Electric
9421LH79 SCHNEIDER-9421LH79 Datasheet
114Kb / 2P
Circuit Breaker Mechanism, rotary handle, direct operating handle
Jul 7, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com