Electronic Components Datasheet Search
  English  ▼

X  

79570 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 79570
Description  Pull Handles, Collapsible
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

79570 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  79570 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pull Handles, Collapsible
Pull Handles
Order No.
Type
l
1
d
1
d
2
h
1
h
2
a
w
1
w
2
79570.W0100
Without Plastic Grip
100
M10 x 1
18
28
14
Ø10
34
44
79570.W0120
Without Plastic Grip
120
M10 x 1
18
28
14
Ø10
34
44
79570.W0180
Without Plastic Grip
180
M10 x 1
18
28
14
Ø10
34
44
79570.W0500
With Plastic Grip
100
M10 x 1
18
28
14
Ø10
34
44
79570.W0520
With Plastic Grip
120
M10 x 1
18
28
14
Ø10
34
44
79570.W0680
With Plastic Grip
180
M10 x 1
18
28
14
Ø10
34
44
79570
0333 207 4497
sales@wixroyd.com
1
Material
Round steel bar, precision ground and
chromium plated, mirror finish. Plastic
grip.
Technical Notes
Spring-arrest in both extended and
retracted positions. Supplied with suitable
nuts and washers.
Minimum stress resistance to 1000N per
pair due to one-piece shank.


Similar Part No. - 79570

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79576 MOLEX-79576 Datasheet
29Kb / 1P
iPass Connector System
10/25/2021
79576 MOLEX-79576 Datasheet
29Kb / 1P
iPass Connector System
07/29/2019
79576-2102 MOLEX-79576-2102 Datasheet
29Kb / 1P
iPass Connector System
07/29/2019
79576-2107 MOLEX-79576-2107 Datasheet
29Kb / 1P
iPass Connector System
10/25/2021
79576-2107 MOLEX11-79576-2107 Datasheet
29Kb / 1P
Cable Assemblies
More results

Similar Description - 79570

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7536M SANYO-LC7536M Datasheet
107Kb / 10P
Serially Controlled Electronic Volume Control that Handles High Voltages
logo
List of Unclassifed Man...
480 ETC2-480 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
ATMEL Corporation
TSS463C ATMEL-TSS463C_14 Datasheet
706Kb / 59P
Handles Retransmission of Frames on Contention and Errors
logo
Texas Instruments
TP3094 TI1-TP3094_12 Datasheet
131Kb / 20P
Handles four voice channels
logo
PHOENIX CONTACT
SZS-1 PHOENIX-SZS-1 Datasheet
65Kb / 3P
The tools feature ergonomic two-component safety handles
CUTFOX-SE-LM PHOENIX-CUTFOX-SE-LM Datasheet
43Kb / 2P
The tools feature ergonomic two-component safety handles
UNIFOX-PC-VDE-DB PHOENIX-UNIFOX-PC-VDE-DB Datasheet
53Kb / 2P
The tools feature ergonomic two-component safety handles
UNIFOX-PE-VDE PHOENIX-UNIFOX-PE-VDE Datasheet
48Kb / 2P
The tools feature ergonomic two-component safety handles
logo
Omron Electronics LLC
3S4YR-MMX OMRON-3S4YR-MMX Datasheet
1Mb / 6P
Reliable Reader/Writer Handles Magnetic Cards
logo
Keystone Electronics Co...
9121 KEYSTONE-9121 Datasheet
86Kb / 1P
INSTRUMENTATION HANDLES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com