Electronic Components Datasheet Search
  English  ▼

X  

UCD7232 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCD7232
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD7232 Datasheet(HTML) 1 Page - Texas Instruments

  UCD7232 Datasheet HTML 1Page - Texas Instruments UCD7232 Datasheet HTML 2Page - Texas Instruments UCD7232 Datasheet HTML 3Page - Texas Instruments UCD7232 Datasheet HTML 4Page - Texas Instruments UCD7232 Datasheet HTML 5Page - Texas Instruments UCD7232 Datasheet HTML 6Page - Texas Instruments UCD7232 Datasheet HTML 7Page - Texas Instruments UCD7232 Datasheet HTML 8Page - Texas Instruments UCD7232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
UCD7232
www.ti.com
SLUSAH3
– MAY 2011
Digital Control Compatible Synchronous-Buck Gate Driver
With Current Sense and Fault Protection
Check for Samples: UCD7232
1
FEATURES
DESCRIPTION
•
Dual High Current Drivers.
The UCD7232 high current driver is specifically
•
Full Compatibility with TI Fusion Digital Power
designed
for
digitally-controlled,
point-of-load,
Supply Controllers, such as UCD91xx and
synchronous buck switching power supplies. Two
UCD92xx Families
driver circuits provide high charge and discharge
•
Operational to 2 MHz Switching Frequency
current for the high-side NMOS switch and the
low-side
NMOS
synchronous
rectifier
in
a
•
High-Side FET and Output Current Limit
synchronous buck circuit. The MOSFET gates are
Protection with Independently Adjustable
driven by an internally regulated VGG supply. The
Thresholds
internal VGG regulator can be disabled to permit the
•
Fast High-Side Overcurrent Sense Circuit with
user to supply their own gate drive voltage. This
Fault Flag Output
– Prevents Catastrophic
flexibility allows a wide power conversion input
Current Levels on a Cycle-by-Cycle Basis
voltage range of 2.2 to 15 V. Internal under voltage
lockout (UVLO) logic insures VGG is good before
•
Differential High-Gain Current Sense Amplifier
allowing chip operation.
•
Voltage Proportional to Load Current Monitor
A drive logic block allows operation in one of two
Output
modes
selected
by
the
SRE
Mode
pin.
In
•
Wide Input Voltage Range: 4.7 V to 15 V
Synchronous Mode, the logic block uses the PWM
Operation to 2.2 V Input Supported with an
signal to control both the high-side and low-side gate
External 4.5-6.5 V Bias Supply
drive signals. Dead time is automatically adjusted to
prevent cross conduction. The Synchronous Rectifier
•
Onboard Regulated Supplies for Gate Drive
Enable (SRE) pin controls whether or not the low-side
and Internal Circuits
FET is turned on when the PWM signal is low. In
•
Integrated Thermal Shutdown
Independent Mode, the PWM and SRE pins control
•
Selectable Operation Modes:
the
high-side
and
low-side
gates
directly.
No
anti-cross-conduction logic is used in this mode.
– PWM plus Synchronous Rectifier Enable
(SRE) with Automatic Dead-Time Control
On-board comparators monitor the voltage across the
– Direct High-Gate and Low-Gate Inputs for
high side switch and the voltage across an external
Direct FET Control
current sense element to safeguard the power stage
from sudden high current loads. Blanking delay is set
•
3-State PWM Input for Power Stage Shutdown
for the high side comparator by a single resistor in
•
UVLO Housekeeping Circuit
order to avoid false reports coincident with switching
•
Rated from
–40°C to +125°C Junction
edge noise. In the event of a high-side fault or an
Temperature
over-current fault, the high-side FET turned off and
the Fault Flag (FLT) is asserted to alert the digital
controller. The fault thresholds are independently set
APPLICATIONS
by the HS Sense and ILIM pins.
•
Digitally-Controlled Synchronous-Buck Power
Output current is measured and monitored by a
Stages for Single- and Multi-Phase
precision, high gain, switched capacitor differential
Applications
amplifier that processes the voltage present across
•
Digitally-Controlled Power Modules
an external current sense element. The amplified
signal is available for use by the digital controller on
the IMON pin. The current sense amplifier has output
offset of 0.5 V so that both positive (sourcing) and
negative (sinking) current can be sensed.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCD7232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7232 TI1-UCD7232 Datasheet
597Kb / 30P
Digital Control Compatible Synchronous-Buck Gate Driver With Current
UCD7232RTJR TI1-UCD7232RTJR Datasheet
597Kb / 30P
Digital Control Compatible Synchronous-Buck Gate Driver With Current
UCD7232RTJT TI1-UCD7232RTJT Datasheet
597Kb / 30P
Digital Control Compatible Synchronous-Buck Gate Driver With Current
More results

Similar Description - UCD7232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7100 TI-UCD7100 Datasheet
408Kb / 22P
Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
UCD7230 TI-UCD7230_07 Datasheet
957Kb / 33P
Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
TPS51113 TI-TPS51113 Datasheet
2Mb / 26P
SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
UCD7232 TI1-UCD7232 Datasheet
597Kb / 30P
Digital Control Compatible Synchronous-Buck Gate Driver With Current
UCD7230A TI1-UCD7230A Datasheet
787Kb / 25P
Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
UCD7231 TI1-UCD7231 Datasheet
792Kb / 31P
Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
UCD7100 TI1-UCD7100_12 Datasheet
813Kb / 26P
Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7230 TI1-UCD7230_16 Datasheet
1Mb / 26P
Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
UCC7230 TI1-UCC7230 Datasheet
1Mb / 26P
Digital Control Compatible Synchronous Buck Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com