Electronic Components Datasheet Search
  English  ▼

X  

UCC28701DBVT Datasheet(PDF) 21 Page - Texas Instruments

Part # UCC28701DBVT
Description  UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28701DBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCC28701DBVT Datasheet HTML 17Page - Texas Instruments UCC28701DBVT Datasheet HTML 18Page - Texas Instruments UCC28701DBVT Datasheet HTML 19Page - Texas Instruments UCC28701DBVT Datasheet HTML 20Page - Texas Instruments UCC28701DBVT Datasheet HTML 21Page - Texas Instruments UCC28701DBVT Datasheet HTML 22Page - Texas Instruments UCC28701DBVT Datasheet HTML 23Page - Texas Instruments UCC28701DBVT Datasheet HTML 24Page - Texas Instruments UCC28701DBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
UCC28700, UCC28701, UCC28702, UCC28703
www.ti.com
SLUSB41A – JULY 2012 – REVISED DECEMBER 2014
Since not all of the energy stored in the transformer is transferred to the secondary, a transformer efficiency term
is included. This efficiency number includes the core and winding losses, leakage inductance ratio, and bias
power ratio to rated output power. For a 5-V, 1-A charger example, bias power of 1.5% is a good estimate. An
overall transformer efficiency of 0.9 is a good estimate to include 3.5% leakage inductance, 5% core and winding
loss, and 1.5% bias power.
(23)
The primary transformer inductance can be calculated using the standard energy storage equation for flyback
transformers. Primary current, maximum switching frequency and output and transformer power losses are
included in the equation below. Initially determine transformer primary current.
Primary current is simply the maximum current sense threshold divided by the current sense resistance.
(24)
(25)
The secondary winding to auxiliary winding transformer turns ratio (NAS) is determined by the lowest target
operating output voltage in constant-current regulation and the VDD UVLO of the UCC28700. There is additional
energy supplied to VDD from the transformer leakage inductance energy which allows a lower turns ratio to be
used in many designs.
(26)
9.2.2.8
Standby Power Estimate
Assuming no-load standby power is a critical design parameter, determine estimated no-load power based on
target converter maximum switching frequency and output power rating.
The following equation estimates the stand-by power of the converter.
(27)
For a typical USB charger application, the bias power during no-load is approximately 2.5 mW. This is based on
25-V VDD and 100-µA bias current. The output preload resistor can be estimated by VOCV and the difference in
the converter stand-by power and the bias power. The equation for output preload resistance accounts for bias
power estimated at 2.5 mW.
(28)
Typical start-up resistance values for RSTR range from 13 MΩ to 20 MΩ to achieve 1-s start-up time. The
capacitor bulk voltage for the loss estimation is the highest voltage for the stand-by power measurement,
typically 325 VDC.
(29)
For the total stand-by power estimation add an estimated 2.5 mW for snubber loss to the start-up resistance and
converter stand-by power loss.
(30)
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: UCC28700 UCC28701 UCC28702 UCC28703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com