Electronic Components Datasheet Search
  English  ▼

X  

SLPA005 Datasheet(PDF) 31 Page - Texas Instruments

Part # SLPA005
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLPA005 Datasheet(HTML) 31 Page - Texas Instruments

Back Button SLPA005 Datasheet HTML 26Page - Texas Instruments SLPA005 Datasheet HTML 27Page - Texas Instruments SLPA005 Datasheet HTML 28Page - Texas Instruments SLPA005 Datasheet HTML 29Page - Texas Instruments SLPA005 Datasheet HTML 30Page - Texas Instruments SLPA005 Datasheet HTML 31Page - Texas Instruments SLPA005 Datasheet HTML 32Page - Texas Instruments SLPA005 Datasheet HTML 33Page - Texas Instruments SLPA005 Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
NOTES: (continued)
4.
This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments
literature number SLUA271 (www.ti.com/lit/slua271)
.
5.
Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their
locations shown on this view. It is recommended that vias under paste be filled, plugged or tented.
EXAMPLE BOARD LAYOUT
4219125 / A 10/2016
www.ti.com
WQFN - 0.8 mm max height
RTJ0020D
PLASTIC QUAD FLATPACK - NO LEAD
LAND PATTERN EXAMPLE
SCALE: 20X
20X (0.6)
(3.8)
(0.5)
TYP
SYMM
20
SYMM
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
2.7)
(R0.05)
TYP
VIA
15
(1.1)
TYP
16
11
6
10
1
5
(3.8)
21
20X (0.24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com