Electronic Components Datasheet Search
  English  ▼

X  

CM4002016B Datasheet(PDF) 4 Page - Raspberry Pi Holdings PLC

Part # CM4002016B
Description  Raspberry Pi Compute Module 4
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

CM4002016B Datasheet(HTML) 4 Page - Raspberry Pi Holdings PLC

  CM4002016B Datasheet HTML 1Page - Raspberry Pi Holdings PLC CM4002016B Datasheet HTML 2Page - Raspberry Pi Holdings PLC CM4002016B Datasheet HTML 3Page - Raspberry Pi Holdings PLC CM4002016B Datasheet HTML 4Page - Raspberry Pi Holdings PLC CM4002016B Datasheet HTML 5Page - Raspberry Pi Holdings PLC CM4002016B Datasheet HTML 6Page - Raspberry Pi Holdings PLC CM4002016B Datasheet HTML 7Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Physical specifications
Note: all dimensions in mm
WARNINGS
•
Any external power supply used with Raspberry Pi Compute Module 4 shall comply with relevant
regulations and standards applicable in the country of intended use.
•
This product should be operated in a well-ventilated environment, and if used inside a case, the case
should not be covered.
•
Whilst in use, this product should be placed on a stable, flat, non-conductive surface, and should not be
contacted by conductive items.
•
The connection of incompatible devices to Compute Module 4 may affect compliance, result in damage
to the unit, and invalidate the warranty.
•
All peripherals used with this product should comply with relevant standards for the country of use
and be marked accordingly to ensure that safety and performance requirements are met. These
articles include but are not limited to keyboards, monitors, and mice when used in conjunction with the
Compute Module.
•
The cables and connectors of all peripherals used with this product must have adequate insulation so
that relevant safety requirements are met.
SAFETY INSTRUCTIONS
To avoid malfunction or damage to this product, please observe the following:
•
Do not expose to water or moisture, or place on a conductive surface whilst in operation.
•
Do not expose to heat from any source; Raspberry Pi Compute Module 4 is designed for reliable operation
at normal ambient temperatures.
•
Take care whilst handling to avoid mechanical or electrical damage to the printed circuit board
and connectors.
•
Whilst it is powered, avoid handling the printed circuit board, or only handle it by the edges to minimise
the risk of electrostatic discharge damage.
4
Raspberry Pi Compute Module 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com