Electronic Components Datasheet Search
  English  ▼

X  

BRM01 Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # BRM01
Description  2.4GHZ BLUETOOTH TRANSCEIVER MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

BRM01 Datasheet(HTML) 4 Page - rfsolutions.ltd

  BRM01 Datasheet HTML 1Page - rfsolutions.ltd BRM01 Datasheet HTML 2Page - rfsolutions.ltd BRM01 Datasheet HTML 3Page - rfsolutions.ltd BRM01 Datasheet HTML 4Page - rfsolutions.ltd BRM01 Datasheet HTML 5Page - rfsolutions.ltd BRM01 Datasheet HTML 6Page - rfsolutions.ltd BRM01 Datasheet HTML 7Page - rfsolutions.ltd BRM01 Datasheet HTML 8Page - rfsolutions.ltd BRM01 Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS360-5 March 04
©2004 Reg. No. 227 4001, England
Page 4
2.4GHZ BLUETOOTH TRANSCEIVER MODULE
BRM01
RS232 Driver
The standard BRM01 device is supplied with a built-in RS232 interface driver. This option allows the BRM to
be connected directly to a PC COM port or similar device. The theoretical maximum baud rate of the module
is 460Kb/s, this is limited by the driver to 230.4kb/s. This is generally not an issue when used in conjunction
with personal computers, since they normally support a maximum baud rate of only 115.2kb/s. Custom
versions of the BRM01 module can be supplied without the RS232 driver, please contact RF Solutions Ltd
for more information.
Antenna
The Standard BRM01 module is supplied fitted with an integrated F type Antenna. Custom versions of the
BRM01 module can be supplied without the internal antenna and with a range of RF connectors for fitting
external antennas, please contact RF Solutions Ltd for more information.
Interfacing To Host
The host may be any suitable device capable of sending and/or receiving serial data using RTS/CTS
handshaking. This might be for example, a handheld microprocessor controlled data terminal or personal
computer.
The minimum requirements are for a 4-wire interface (plus power and ground) from the host device. This
interface is shown below:
TXD – Transmit Data output providing transmit data from the BRM
CTS – Clear to Send. If this input goes false, the BRM will stop
transmitting at the end of the current byte
RXD – Receive Data. Receive data input from the host
RTS – Request to Send. When this output is true, the host may
send data to the BRM
GND – Ground
VCC – 4.0V to 5.5V Power supply
Indicators
For convenience three LEDs provide visual indication of operating status. The equivalent logic outputs are
also available externally. The LED functions are shown in the table below:
LED
State
Meaning
Off
no power or error, perform reset to recover
Flashing (0.5Hz)
virgin device, learning of remote device required
RED
On
power-on-self test successful (ready)
Off
no link
GREEN
On
link present (connected)
Off
no activity
AMBER
Flickering
transmit or receive activity
Learn/CLM Button (SW1)
This momentary switch ensures extremely easy setup for use in basic point to point applications and for
testing. After connecting to a power supply for the first time, devices can be rapidly bonded to each other by
performing the ‘Mutual Learning’ procedure, to provide point to point connectivity. No external hardware or
software is required in order to perform this operation.
This button also provides access to the ‘Command Line Menu’, which allows more complex functions to be
administered using a terminal emulator such as ‘HyperTerminal’ or similar. The equivalent logic input is also
available externally for use by the customer’s application.
H
HO
OS
ST
T
B
BR
RM
M
T
TX
XD
D
R
RX
XD
D
C
CT
TS
S
R
RT
TS
S
R
RX
XD
D
T
TX
XD
D
R
RT
TS
S
C
CT
TS
S
G
GN
ND
D
G
GN
ND
D
V
VC
CC
C
V
VC
CC
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com