Electronic Components Datasheet Search
  English  ▼

X  

152-MFS Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # 152-MFS
Description  Mini, Soft Tip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

152-MFS Datasheet(HTML) 2 Page - NOSHOK, INC.

  152-MFS Datasheet HTML 1Page - NOSHOK, INC. 152-MFS Datasheet HTML 2Page - NOSHOK, INC. 152-MFS Datasheet HTML 3Page - NOSHOK, INC. 152-MFS Datasheet HTML 4Page - NOSHOK, INC. 152-MFS Datasheet HTML 5Page - NOSHOK, INC. 152-MFS Datasheet HTML 6Page - NOSHOK, INC. 152-MFS Datasheet HTML 7Page - NOSHOK, INC. 152-MFS Datasheet HTML 8Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
15
Series ..........................................150 soft tip
Connection size .............................1/4" NPT
Valve type ...................Female-female, Steel
152 – FFC
EXAMPLE
To meet all of your specific application requirements, the following additional options are available for these needle valves. To order all or any of these
options, simply add them to the part number as shown in the diagram below.
NOTE 1: The example shown includes ALL possible additional options. Please include ONLY the options required for your application when
building your part number. (EXAMPLE: 152-MFC-HL3)
NOTE 2: When a packing option is selected, an o-ring option is NOT available.
* Other o-ring materials available on request.
Please note that the standard o-ring in all the NOSHOK mini valves is FKM and the standard handles are Brass round knurled (HL3) handles,
Steel mini “T” handles (HL7), and 316SS mini “T” handles (HL7).
The handle material will always match the material of the valve, unless otherwise specified. For example, the round knurled (HL3) on a 152-FFB
will be Brass. When only the standard configuration is needed, no additional designations are necessary. Please consult the factory for special
application requests.
Series.................................................................150 soft tip
Connection size...................................................1/4" NPT
Valve type.........................................Female-female, Steel
Packing......................................................................PTFE
Stem tip.................................................................. PCTFE
Panel mount......................................Panel mount (2 nuts)
Handle .................................................... 1" Round knurled
152 – FFC – P1 – T3 – PM2 – HL3
EXAMPLE with Additional Options
ORDERING
INFORMATION
150
150 SERIES
* Available only on EFFB, EFFC and EFFS valve types.
SERIES
1 150 Series, soft tip
CONNECTION SIZES
51 1/8" NPT
92 7/16"- 20 UNF-2B*
52 1/4" NPT
93 9/16"- 18 UNF-2B*
VALVE TYPES
MMB Male-Male, Brass
MFC Male-Female, Steel
MFS Male-Female, Stainless Steel
MFB Male-Female, Brass
EMFC Extended Male-Female, Steel
EMFS Extended Male-Female, Stainless Steel
FFB Female-Female, Brass
FFC Female-Female, Steel
FFS Female-Female, Stainless Steel
EFFB Extended Female-Female, Brass
EFFC Extended Female-Female, Steel
EFFS Extended Female-Female, Stainless Steel
MMAB Male-Male Angle, Brass
MMAC Male-Male Angle, Steel
MMAS Male-Male Angle, Stainless Steel
MFAB Male-Female Angle, Brass
MFAC Male-Female Angle, Steel
MFAS Male-Female Angle, Stainless Steel
FFAB Female-Female Angle, Brass
FFAC Female-Female Angle, Steel
FFAS Female-Female Angle, Stainless Steel
MMC Male-Male, Steel
MMS Male-Male, Stainless Steel
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.
ORDERING INFORMATION - ADDITIONAL OPTIONS
PACKING
P1 PTFE
STEM TIPS
T3 PCTFE
T10 Regulating Acetal
T12 Regulating PEEK
T4 PEEK
T11 Regulating PCTFE
O-RINGS*
EM1 EPDM
KZ1 FFKM (Perfluoroelastomer)
NB1 NBR
PANEL MOUNTINGS
PM1 Panel mount (1 nut)
PM2 Panel mount (2 nuts)
HANDLE
HL3 1" Round knurled
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com