Electronic Components Datasheet Search
  English  ▼

X  

152-MMAS Datasheet(PDF) 1 Page - NOSHOK, INC.

Part # 152-MMAS
Description  Mini, Soft Tip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

152-MMAS Datasheet(HTML) 1 Page - NOSHOK, INC.

  152-MMAS Datasheet HTML 1Page - NOSHOK, INC. 152-MMAS Datasheet HTML 2Page - NOSHOK, INC. 152-MMAS Datasheet HTML 3Page - NOSHOK, INC. 152-MMAS Datasheet HTML 4Page - NOSHOK, INC. 152-MMAS Datasheet HTML 5Page - NOSHOK, INC. 152-MMAS Datasheet HTML 6Page - NOSHOK, INC. 152-MMAS Datasheet HTML 7Page - NOSHOK, INC. 152-MMAS Datasheet HTML 8Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
14
150
150 SERIES
• Compact size valve built for maximum durability and robust performance in
the toughest applications
• 100% helium leak tested to 1 x 10-4 ml/s for performance and reliability
• Soft tip valves feature a patented Acetalnon-rotating soft tip stem, and a
back-up metal-to-metal seal (U.S. Patent 6,820,857)
• Available in Zinc-Nickel plated Steel, electropolished Stainless Steel,
and Brass
• FKM o-ring seal and PTFE back-up ring below the stem threads to
protect from corrosion and galling; PTFE packing optional
• All stem threads are rolled for strength and ease of operation
• Patented body-to-bonnet, metal-to-metal seal is designed to significantly
increase the pressure range of the valve (U.S. Patent 7,758,014)
Mini, Soft Tip
Needle V alves
NOTE: All NOSHOK valve products conform to the MSS SP-99 instrument valves standards, and valves supplied with packing
also conform to MSS SP-132 compression packing systems for instrument valves standard.
Materials
Zinc-Nickel plated Steel, electropolished 316
Stainless Steel*, 360 Brass
Connections
1/8" NPT, 1/4" NPT, 7/16"-20 UNF-2B, 9/16"-18 UNF-2B
Male-male, Male-female, Female-female, in-line
and angled configurations
Pressure rating** 6,000 psi @ 200 °F
Orifice size
0.172"
Flow coefficient
CV 0.42
Stem seal & type All 316 Stainless Steel stems with FKM o-ring
and PTFE back-up ring below the threads,
PTFE packing optional
Options
Panel mountings, o-ring materials, handles, packings,
regulating stem and stem tips
Weight
Approximately 0.5 lb.
SPECIFICATIONS
* All 316SS products meet the requirements of NACE MR0175/ISO 15156-3.
** This pressure ratings applies to all 150 series Mini Valves except the
following which have pressure ratings as shown:
Brass 7/16"- 20 UNF-2B connection: 5,000 psi @ 200 °F
Stainless Steel 9/16"- 18 UNF-2B connection: 5,000 psi @ 200 ° F
Steel 9/16"- 18 UNF-2B connection: 4,000 psi @ 200 ° F
Brass 9/16"- 18 UNF-2B connection: 2,000 psi @ 200 °F
For NOSHOK Mini Valves with Stainless Steel valve types:
WARNING: This product can expose you to chemicals including Chromium (VI) and Nickel, which are known to the State of
California to cause cancer and birth defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov
For NOSHOK Mini Valves with Brass & Steel valve types:
WARNING: This product can expose you to chemicals including Lead, which is known to the State of California to
cause cancer and birth defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov


Similar Part No. - 152-MMAS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
152-005-5-12 GLENAIR-152-005-5-12 Datasheet
5Mb / 41P
RADIO CONNECTORS AND CABLES
logo
New Jersey Semi-Conduct...
152-04 NJSEMI-152-04 Datasheet
133Kb / 2P
NPN Power TRANSISTORS
152-08 NJSEMI-152-08 Datasheet
133Kb / 2P
NPN Power TRANSISTORS
logo
Premier Farnell Limited...
152-0824 DURATOOL-152-0824 Datasheet
31Kb / 1P
12-in-1 Extending Precision Screwdriver
logo
Advanced Energy Industr...
152-1 ADVANCEDENERGY-152-1 Datasheet
310Kb / 4P
TREK 152-1
01 03.20
More results

Similar Description - 152-MMAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
251S43W474KV4E ETC2-251S43W474KV4E Datasheet
73Kb / 3P
TIP&RING CHIP CAPACITORS
logo
Pomona Electronics
4988 POMONA-4988 Datasheet
19Kb / 1P
Needle Tip, Replacement
5173 POMONA-5173 Datasheet
25Kb / 1P
Pin Tip Plug
logo
Ironwood Electronics.
CA-QFE44SE-L-Z-T-01 IRONWOOD-CA-QFE44SE-L-Z-T-01 Datasheet
23Kb / 1P
Carrier Adaptor 44 position QFP Carrier Adaptor to mini grid. Package specs: 12mm tip to tip, 10mm body, 0.8mm pitch.
CA-QFE44SE-M-Z-T-01 IRONWOOD-CA-QFE44SE-M-Z-T-01 Datasheet
21Kb / 1P
Carrier Adaptor 44 position QFP Carrier Adaptor to mini grid. Package specs: 12mm tip to tip, 10mm body, 0.8mm pitch.
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
Tip & Ring Capacitors
logo
AVX Corporation
1812PC104KAT1A AVX-1812PC104KAT1A Datasheet
95Kb / 2P
Tip & Ring
logo
List of Unclassifed Man...
BU-P4543-0 ETC2-BU-P4543-0 Datasheet
180Kb / 1P
Double Pin Tip Jack
logo
CUI INC
SJ2-35364B-SMT-TR CUI-SJ2-35364B-SMT-TR Datasheet
484Kb / 4P
tip switch
SJ2-35464B-SMT-TR CUI-SJ2-35464B-SMT-TR Datasheet
414Kb / 4P
tip switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com