Electronic Components Datasheet Search
  English  ▼

X  

STPS24045 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPS24045
Description  45 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS24045 Datasheet(HTML) 6 Page - STMicroelectronics

  STPS24045 Datasheet HTML 1Page - STMicroelectronics STPS24045 Datasheet HTML 2Page - STMicroelectronics STPS24045 Datasheet HTML 3Page - STMicroelectronics STPS24045 Datasheet HTML 4Page - STMicroelectronics STPS24045 Datasheet HTML 5Page - STMicroelectronics STPS24045 Datasheet HTML 6Page - STMicroelectronics STPS24045 Datasheet HTML 7Page - STMicroelectronics STPS24045 Datasheet HTML 8Page - STMicroelectronics STPS24045 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Table 4. ISOTOP™ package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
Min.
Max.
Min.
Max.
A
11.80
12.20
0.460
0.480
A1
8.90
9.10
0.350
0.358
B
7.80
8.20
0.307
0.323
C
0.75
0.85
0.030
0.033
C2
1.95
2.05
0.077
0.081
D
37.80
38.20
1.488
1.504
D1
31.50
31.70
1.240
1.248
E
25.15
25.50
0.990
1.004
E1
23.85
24.15
0.939
0.951
E2
24.80
0.976
G
14.90
15.10
0.587
0.594
G1
12.60
12.80
0.496
0.504
G2
3.50
4.30
0.138
0.169
F
4.10
4.30
0.161
0.169
F1
4.60
5.00
0.181
0.197
H
-0.05
0.10
-0.002
0.004
Diam P
4.00
4.30
0.157
0.169
P1
4.00
4.40
0.157
0.173
S
30.10
30.30
1.185
1.193
1. Inches given for reference only
STPS24045
ISOTOP™ package information
DS0753 - Rev 4
page 6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com