Electronic Components Datasheet Search
  English  ▼

X  

STPS40170CW Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS40170CW
Description  170 V power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40170CW Datasheet(HTML) 1 Page - STMicroelectronics

  STPS40170CW Datasheet HTML 1Page - STMicroelectronics STPS40170CW Datasheet HTML 2Page - STMicroelectronics STPS40170CW Datasheet HTML 3Page - STMicroelectronics STPS40170CW Datasheet HTML 4Page - STMicroelectronics STPS40170CW Datasheet HTML 5Page - STMicroelectronics STPS40170CW Datasheet HTML 6Page - STMicroelectronics STPS40170CW Datasheet HTML 7Page - STMicroelectronics STPS40170CW Datasheet HTML 8Page - STMicroelectronics STPS40170CW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
A1
A1
K
A2
TO-220AB
A2
K
TO-247
K
A2
A1
K
A1
A2
D²PAK
Features
•
High junction temperature capability
•
Low leakage current
•
High voltage capabilities
•
Good trade-off between leakage current and forward voltage drop
•
Low thermal resistance
•
High frequency operation
•
Avalanche specification
•
ECOPACK®2 compliant for TO-220AB and TO-247, on demand for D²PAK
Applications
•
Switching diode
•
SMPS
•
DC/DC converter
•
Telecom power
Description
This dual center tab Schottky rectifier is suited for high frequency switched mode
power supplies.
Packaged in TO-247, D²PAK and TO-247, the STPS40170C is optimized for use to
enhance the reliability in applications.
Product status link
STPS40170C
Product summary
Symbol
Value
IF(AV)
2 x 20 A
VRRM
170 V
Tj
175 °C
VF (typ.)
0.69 V
170 V power Schottky rectifier
STPS40170C
Datasheet
DS4412 - Rev 2 - June 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS40170CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40170CW STMICROELECTRONICS-STPS40170CW Datasheet
123Kb / 8P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
16-Sep-2005
More results

Similar Description - STPS40170CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3170 STMICROELECTRONICS-STPS3170_V01 Datasheet
383Kb / 13P
170 V, 3 A power Schottky rectifier
October 2019
STPS2170 STMICROELECTRONICS-STPS2170_V01 Datasheet
353Kb / 12P
170 V, 2 A power Schottky rectifier
October 2019
STPS61170C-Y STMICROELECTRONICS-STPS61170C-Y Datasheet
216Kb / 9P
Automotive 170 V, dual 30 A lowdrop power Schottky rectifier
20-Nov-2019
STPS80170C-Y STMICROELECTRONICS-STPS80170C-Y Datasheet
218Kb / 9P
Automotive 170 V, 80 A power Schottky rectifier
20-Nov-2019
STPS40150C STMICROELECTRONICS-STPS40150C Datasheet
519Kb / 15P
150 V power Schottky rectifier
June 2018 Rev 2
STPS61150C STMICROELECTRONICS-STPS61150C Datasheet
404Kb / 10P
150 V power Schottky rectifier
June 2018 Rev 2
STPS6M100SF STMICROELECTRONICS-STPS6M100SF Datasheet
322Kb / 9P
100 V power Schottky rectifier
30-Jul-2018
STPS1045SF STMICROELECTRONICS-STPS1045SF Datasheet
323Kb / 9P
45 V power Schottky rectifier
DS12693 - Rev 1 - July 2018
STPS10M120SF STMICROELECTRONICS-STPS10M120SF Datasheet
324Kb / 9P
120 V power Schottky rectifier
DS12696 - Rev 2 - November 2018
STPS1230SF STMICROELECTRONICS-STPS1230SF Datasheet
322Kb / 9P
30 V power Schottky rectifier
DS12695 - Rev 1 - July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com