Electronic Components Datasheet Search
  English  ▼

X  

X2010 Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # X2010
Description  FM Narrow Band Transceiver Modules
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

X2010 Datasheet(HTML) 4 Page - rfsolutions.ltd

  X2010 Datasheet HTML 1Page - rfsolutions.ltd X2010 Datasheet HTML 2Page - rfsolutions.ltd X2010 Datasheet HTML 3Page - rfsolutions.ltd X2010 Datasheet HTML 4Page - rfsolutions.ltd X2010 Datasheet HTML 5Page - rfsolutions.ltd X2010 Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS2010_2
Dec ‘01
©2001 REG No 277 4001, England.
Page 4
FM Narrow Band Transceiver Modules
X2010 / X2011
X2011 Mechanical Detail
Notes
1. Recommended PCB hole diameter to accommodate the connecting pins = 1.2mm
4. Pins are on a 2.54mm pitch
1
7
8
9
18
17
16
15
14
13
12
11
10
48 mm
23 mm
3 mm
33 mm
Loop Antenna
30.4 mm
9.3 mm
5.0 mm
1.3 mm
2.8 mm
SIDE VIEW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com