Electronic Components Datasheet Search
  English  ▼

X  

RF650 Datasheet(PDF) 9 Page - rfsolutions.ltd

Part # RF650
Description  SMART RADIO TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF650 Datasheet(HTML) 9 Page - rfsolutions.ltd

Back Button RF650 Datasheet HTML 3Page - rfsolutions.ltd RF650 Datasheet HTML 4Page - rfsolutions.ltd RF650 Datasheet HTML 5Page - rfsolutions.ltd RF650 Datasheet HTML 6Page - rfsolutions.ltd RF650 Datasheet HTML 7Page - rfsolutions.ltd RF650 Datasheet HTML 8Page - rfsolutions.ltd RF650 Datasheet HTML 9Page - rfsolutions.ltd RF650 Datasheet HTML 10Page - rfsolutions.ltd RF650 Datasheet HTML 11Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DS650-6 June ‘06
©2006 RF Solutions Ltd, www.rfsolutions.co.uk
Page 9
Tel 01273 898000 Fax 01273 480661
SMART RADIO TRANSCEIVER
RF650
5
Technical Specifications
Electrical Characteristics
Min.
Typ.
Max.
Units
Notes
DC Levels
Supply voltage
1.9
3.3
3.6
V
1
Supply current (Transmit mode)
11
30
mA
Supply current (Receive mode)
12.5
mA
Supply current (Standby mode)
125
uA
Data input/output high
Vcc–0.3
Vcc+0.3V
V
Data input/output low
0
0.3
V
RF
430.0
440.0
MHz
2
Working frequency: 433MHz Module
868MHz Module
860
880.0
MHz
2
Receiver sensitivity
-100
dBm
Transmitter RF power out
+10
dBm
Frequency deviation
+/- 50
kHz
GFSK manchester encoded data rate
100
kbps
Operating temperature
-20
+80
Deg C
Storage temperature
-40
+100
Deg C
Dynamic Timing
Power up to stable receiver data out
30
mS
Power up to full RF out
30
mS
Standby to Receive mode
1
mS
Standby to Transmit mode
1
mS
Notes
1. Supply voltage should have <10mV ripple.
2. The application operating frequency must be chosen to comply with the Short Range device
regulation in the area of operation.
5.1 Mechanical Detail
Pin Pitch: 2.54mm
Module Pitch: 22.86mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com