Electronic Components Datasheet Search
  English  ▼

X  

RF800 Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # RF800
Description  Radio Encoder / Decoder IC?셲
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF800 Datasheet(HTML) 6 Page - rfsolutions.ltd

  RF800 Datasheet HTML 1Page - rfsolutions.ltd RF800 Datasheet HTML 2Page - rfsolutions.ltd RF800 Datasheet HTML 3Page - rfsolutions.ltd RF800 Datasheet HTML 4Page - rfsolutions.ltd RF800 Datasheet HTML 5Page - rfsolutions.ltd RF800 Datasheet HTML 6Page - rfsolutions.ltd RF800 Datasheet HTML 7Page - rfsolutions.ltd RF800 Datasheet HTML 8Page - rfsolutions.ltd RF800 Datasheet HTML 9Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DS800-4 July ’07
©2007 RF Solutions Ltd, www.rfsolutions.co.uk
Page 6
Tel 01273 898000 Fax 01273 480661
Radio Encoder / Decoder IC’s
RF800
Typical application circuit for RF800 setup as an Encoder
Pin Descriptions for RF800 configured as a Encoder
Pin
Number
Name
Type
Description
1
MCLR
Power
Vcc supply voltage connection
2
Mode
In/Out
Selects operation as Decoder when low or Encoder when high.
3
100 / 400
In
RF baud rate (element time) select option.
Logic ‘1’ selects 100us element time.
Logic ‘0’ selects 400us element time.
4
TEN / LRN
In/Out
Transmitter enable active low
5
TEN / 204
In/Out
Transmitter enable active high
6
LED
Out
Status LED
7
Data
In/Out
Transmitted RF serial data
8 & 19
GND
Power
0 volts.
9
OSC1
In
Connect to 4MHz, 3 terminal resonator.
10
OSC2
Out
Connect to 4MHz, 3 terminal resonator.
11-18
IN 9-16
In
Logic inputs 9 to 16
20
Vcc
Power
Vcc supply voltage connection.
Decouple with a 100n capacitor close to the IC supply pins.
28-21
IN 1-8
In
Logic inputs 1 to 8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com