Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD047 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN65MLVD047
Description  MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD047 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65MLVD047 Datasheet HTML 4Page - Texas Instruments SN65MLVD047 Datasheet HTML 5Page - Texas Instruments SN65MLVD047 Datasheet HTML 6Page - Texas Instruments SN65MLVD047 Datasheet HTML 7Page - Texas Instruments SN65MLVD047 Datasheet HTML 8Page - Texas Instruments SN65MLVD047 Datasheet HTML 9Page - Texas Instruments SN65MLVD047 Datasheet HTML 10Page - Texas Instruments SN65MLVD047 Datasheet HTML 11Page - Texas Instruments SN65MLVD047 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
Y
Z
0 V or VCC
1.62 k
Ω , ±1%
VY, or VZ
tc(n)
1/f0
0 V
0 V
Period Jitter
0 V
Peak to Peak Jitter
1/f0
PRBS INPUT
OUTPUT
VY -VZ
VY -VZ
CLOCK
INPUT
IDEAL
OUTPUT
ACTUAL
OUTPUT
VCC
VCC/2
tjit(per) = tc(n) -1/f0
tjit(pp)
0 V
VCC
VCC/2
0 V
VY -VZ
VY -VZ
Cycle to Cycle Jitter
0 V
VY - VZ
OUTPUT
tc(n)
tc(n+1)
tjit(cc) = | tc(n) - tc(n+1) |
SN65MLVD047
SLLS606A – MARCH 2004 – REVISED JULY 2005
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 7. Driver Maximum Steady State Output Voltage
A.
All input pulses are supplied by an Agilent 8304A Stimulus System.
B.
The measurement is made on a TEK TDS6604 running TDSJIT3 application software
C.
Period jitter and cycle-to-cycle jitter are measured using a 100 MHz 50 ±1% duty cycle clock input.
D.
Peak-to-peak jitter is measured using a 200 Mbps 215– 1 PRBS input.
Figure 8. Driver Jitter Measurement Waveforms
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com