Electronic Components Datasheet Search
  English  ▼

X  

80EPSPBF Datasheet(PDF) 3 Page - International Rectifier

Part # 80EPSPBF
Description  INPUT RECTIFIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80EPSPBF Datasheet(HTML) 3 Page - International Rectifier

  80EPSPBF Datasheet HTML 1Page - International Rectifier 80EPSPBF Datasheet HTML 2Page - International Rectifier 80EPSPBF Datasheet HTML 3Page - International Rectifier 80EPSPBF Datasheet HTML 4Page - International Rectifier 80EPSPBF Datasheet HTML 5Page - International Rectifier 80EPSPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
80EPS..PbF SAFE
IR Series
Bulletin I2202 rev. A 03/06
www.irf.com
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
80
90
100
110
120
130
140
150
0
10
20
304050
6070
8090
30°
60°
90°
120°
180°
Conduc tion Angle
Average Forward Current (A)
80EPS.. Series
R
(DC) = 0.35 K/ W
thJC
90
100
110
120
130
140
150
0
20
40
60
80
100
120
140
DC
30°
60°
90°
120°
180°
Cond uc tion Period
Average Forward Current (A)
80EPS.. Series
R
(DC) = 0.35 K/ W
thJC
0
20
40
60
80
100
120
0
10
20
30
405060708090
RMSLimit
180°
120°
90°
60°
30°
Cond uc tion Angle
Average Forward Current (A)
80EPS.. Series
T = 150°C
J
0
20
40
60
80
100
120
140
160
020
40
60
80
100
120
140
DC
180°
120°
90°
60°
30°
RMSLimit
Cond uc tion Period
Average Forward Current (A)
80EPS.. Series
T = 150°C
J
400
600
800
1000
1200
1400
1600
110
100
Numb er Of Equa l Amplitud e Ha lf Cyc le Current Pulses (N)
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
80EPS.. Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
400
600
800
1000
1200
1400
1600
1800
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Dura tion.
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
Maximum Non Repetitive Surge Current
80EPS.. Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com