Electronic Components Datasheet Search
  English  ▼

X  

79582 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 79582
Description  Hinged Carrying Handle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

79582 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  79582 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hinged Carrying Handle
Pull Handles
Order No.
Type
l
1
l
2
l
3
d
1
h
1
h
2
h
3
w
1
79582.W0145
Black
84
145
180
M 6
83
44
20
80
79582.W1145
Orange
84
145
180
M 6
83
44
20
80
79582
0333 207 4497
sales@wixroyd.com
1
Material
Holder & handle: die-cast aluminium GD-
AlSi9Cu3 (alloy 226). Powder coated, hallf
matt in black (similar to RAL 9005) or
orange (RAL 2009).
Arbors & restoring springs: stainless steel.
Self-acting resilient handle made of alumi-
nium for backside screw mounting.
Technical Notes
Stress resistance: min. 800N.
Screw attachment from the front available
on request. Other colour combinations
available on request.


Similar Part No. - 79582

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
7958 FESTO-7958 Datasheet
109Kb / 2P
Air solenoid valve
logo
Wixroyd Group Ltd
79580 WIXROYD-79580 Datasheet
202Kb / 1P
Pull Handles, Collapsible
79583 WIXROYD-79583 Datasheet
207Kb / 1P
Cold Forming Handles
79584 WIXROYD-79584 Datasheet
226Kb / 1P
Trunk Handles
79585 WIXROYD-79585 Datasheet
222Kb / 1P
Case Handles
More results

Similar Description - 79582

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
H-9160 BUD-H-9160 Datasheet
36Kb / 1P
HANDLE
logo
Coilcraft lnc.
SER1390 COILCRAFT-SER1390 Datasheet
142Kb / 2P
Exceptionally high current carrying capability
logo
Extech Instruments Corp...
409992 EXTECH-409992_15 Datasheet
808Kb / 1P
Extech Soft Protective Carrying Cases
409996 EXTECH-409996 Datasheet
808Kb / 1P
Extech Soft Protective Carrying Cases
CA500 EXTECH-CA500_15 Datasheet
808Kb / 1P
Extech Soft Protective Carrying Cases
CA899 EXTECH-CA899_15 Datasheet
808Kb / 1P
Extech Soft Protective Carrying Cases
CA900 EXTECH-CA900 Datasheet
808Kb / 1P
Extech Soft Protective Carrying Cases
logo
Molex Electronics Ltd.
130112-0134 MOLEX11-130112-0134 Datasheet
31Kb / 1P
In-line Replacement Transformer Low-Volt Carrying Handle
logo
List of Unclassifed Man...
3090-J ETC2-3090-J Datasheet
77Kb / 1P
HANDLE
logo
Tripp Lite. All Rights ...
T040-001-DP TRIPPLITE-T040-001-DP Datasheet
167Kb / 2P
DisplayPort Cable Tester with Carrying Case
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com