Electronic Components Datasheet Search
  English  ▼

X  

79730 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 79730
Description  Ring Pulls, Recessed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

79730 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  79730 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
stainless steel
Ring Pulls, Recessed
Pull Handles
Order No.
d
1
d
2
Weight
g
79730.W0010
40
50
23
79730
0333 207 4497
sales@wixroyd.com
1
Material
AISI 304 stainless steel, polished.
Technical Notes
Supplied with stainless steel screws
(3.8x16).


Similar Part No. - 79730

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7973 SONARDYNE-7973 Datasheet
124Kb / 2P
Super Sub Mini Transponder/Responder (SSM)
7973-000-01 SONARDYNE-7973-000-01 Datasheet
124Kb / 2P
Super Sub Mini Transponder/Responder (SSM)
7973-003-01 SONARDYNE-7973-003-01 Datasheet
124Kb / 2P
Super Sub Mini Transponder/Responder (SSM)
7973-008 SONARDYNE-7973-008 Datasheet
124Kb / 2P
Super Sub Mini Transponder/Responder (SSM)
More results

Similar Description - 79730

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT216 ETC1-MT216 Datasheet
335Kb / 2P
RECESSED LIGHTING LOW VOLTAGE
logo
Gamewell-FCI by Honeywe...
FC00530 GAMEWELL-FCI-FC00530 Datasheet
133Kb / 2P
Enclosure, surface or recessed
logo
Lumins Inc.
LX140 LUMINIS-LX140 Datasheet
96Kb / 2P
Semi-recessed wall mount
NT100R LUMINIS-NT100R Datasheet
113Kb / 2P
Wall recessed mount
logo
Dialight Corporation
SB4-W1C3-301 DIALIGHT-SB4-W1C3-301 Datasheet
95Kb / 2P
White LED Recessed Spot
logo
Grayhill, Inc
76SC02ST GRAYHILL-76SC02ST Datasheet
228Kb / 2P
Raised and Recessed Rocker
logo
List of Unclassifed Man...
MC19051001 ETC2-MC19051001 Datasheet
161Kb / 4P
3mm Prominent or Recessed
logo
Grayhill, Inc
76PSB06S GRAYHILL-76PSB06S Datasheet
430Kb / 2P
Raised and Recessed, Rocker
76SB02ST GRAYHILL-76SB02ST Datasheet
430Kb / 2P
Raised and Recessed, Rocker
76PSB08 GRAYHILL-76PSB08 Datasheet
430Kb / 2P
Raised and Recessed, Rocker
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com