Electronic Components Datasheet Search
  English  ▼

X  

770 Datasheet(PDF) 1 Page - Master Lock Company LLC.

Part # 770
Description  Solid Steel Hasp & Hidden Shackle Padlock
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MASTERLOCK [Master Lock Company LLC.]
Direct Link  https://www.masterlock.com/
Logo MASTERLOCK - Master Lock Company LLC.

770 Datasheet(HTML) 1 Page - Master Lock Company LLC.

  770 Datasheet HTML 1Page - Master Lock Company LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Description
Order Code
Hasp
105-8007
Padlock
105-8008
Solid Steel Hasp & Hidden Shackle Padlock
418538.425790
Ì Heavy-duty, ideal for securing van doors, sheds, tool chests etc.
Ì Protected shackle design prevents prying, cutting and sawing
Ì Hardened steel padlock body is strong, durable and resists corrosion
Ì Removable cylinder can be replaced or repinned
Ì Padlock supplied with 2 keys
Ì Dimensions: Hasp (LxW) - 230 x 110mm, Padlock (Dia.) - 73mm


Similar Part No. - 770

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
770 FREESCALE-770 Datasheet
390Kb / 8P
Single Band LNA and Mixer FEIC
logo
CTS Corporation
770 CTS-770 Datasheet
91Kb / 3P
Single In-Line Conformal
logo
List of Unclassifed Man...
770 ETC2-770 Datasheet
309Kb / 2P
Miniature connector
logo
Adafruit Industries
770 ADAFRUIT-770 Datasheet
156Kb / 3P
Waterproof 2xAA Battery Holder with On/Off Switch
11/12/2015
logo
Keystone Electronics Co...
770 KEYSTONE-770 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
More results

Similar Description - 770

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2PAP ALTECH-2PAP Datasheet
184Kb / 1P
Padlock for projecting actuator
2PAM ALTECH-2PAM Datasheet
270Kb / 1P
Padlock for mushroom actuator
logo
Bud Industries, Inc.
SCS-8846 BUD-SCS-8846 Datasheet
15Kb / 1P
SOLID STEEL SIDES (SOLD IN PAIRS)
SCD-8866 BUD-SCD-8866 Datasheet
49Kb / 1P
SOLID STEEL DOOR LH HINGED
logo
Kemet Corporation
T550B107M025AT4251 KEMET-T550B107M025AT4251 Datasheet
1Mb / 12P
Includes F-Tech anode which eliminates hidden defects
logo
Schneider Electric
S48539 SCHNEIDER-S48539 Datasheet
110Kb / 2P
CIRCUIT BREAKER PADLOCK ATTACHMENT
Dec 10, 2020
AHPALI SCHNEIDER-AHPALI Datasheet
97Kb / 2P
CB HANDLE PADLOCK ATTACHMENT
Apr 19, 2021
HPAFD SCHNEIDER-HPAFD Datasheet
121Kb / 2P
CB HANDLE PADLOCK ATTACHMENT
Apr 19, 2021
HPALM SCHNEIDER-HPALM Datasheet
82Kb / 2P
CB HANDLE PADLOCK ATTACHMENT
Apr 19, 2021
S29371 SCHNEIDER-S29371 Datasheet
89Kb / 2P
CB FIXED HANDLE PADLOCK DEVICE
Apr 19, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com