Electronic Components Datasheet Search
  English  ▼

X  

TA03 Datasheet(PDF) 3 Page - TM Electronics Inc

Part # TA03
Description  Type T Food Kit with Thermometer, Standard Probes, Temperature Record Book and Case
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc

TA03 Datasheet(HTML) 3 Page - TM Electronics Inc

  TA03 Datasheet HTML 1Page - TM Electronics Inc TA03 Datasheet HTML 2Page - TM Electronics Inc TA03 Datasheet HTML 3Page - TM Electronics Inc TA03 Datasheet HTML 4Page - TM Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TP05 NEEDLE TEMPERATURE PROBE
This probe uses the bulbous handle to enable the sensor tip to be pushed into a semi-solid
product with maximum ease of use.
Construction
Needle Probe 3.3mm Diameter by 115mm Long. Stainless Steel 316 (Food Grade)
2M curly polyurethane cable with moulded connector. Complete waterproof assembly.
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
TIME RESPONSE
(96%of value in water)
: 1.6 Secs
MEASUREMENT RANGE
: -100 TO 280 °C
TS07 SPRUNG SHIELD SURFACE PROBE
This probe uses the straight handle for fine control. The probe is designed for the
measurement of surface temperatures with wide temperature range.
Construction
Surface probe with sprung tip with thermocouple sensor attached with draught shield:
Stainless Steel 316 (Food Grade). 2M curly polyurethane cable with moulded connector.
Waterproof Handle.
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
TIME RESPONSE
(96% of value on clean metal)
: 3.0 Secs
MEASUREMENT RANGE
: -50 TO 400 °C
Accessories
TEMPRB
Temperature log book for temperature record keeping. Eight page log book suitable for all
temperature recording, and especially HACCP critical temperature record-keeping.
FKC02 Case
FKC02 Standard Carry Case with Inserts for a Handheld Thermometer, Straight and Bulbous
handheld Probes and Accessories. An ideal way to keep your temperature measuring equipment
in one place and protected.
Case Measurements: 34cm x 26cm x 6.5cm (approximate external)
Holds Up To
• 1 x Handheld Thermometer
• 3 x Straight Handheld Probes
• 1 x Bulbous Handled Probe
• 1 x Spare Battery



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com