| Electronic Components Datasheet Search |
|
KS01 Datasheet(PDF) 4 Page - TM Electronics Inc |
|
|
|||||||||||||||||||||||||||||
KS01 Datasheet(HTML) 4 Page - TM Electronics Inc |
|
4 / 4 page ![]() 4 Cross-reference for compatible probes Suitable probes for use with this instrument TME PART No DESCRIPTION APPLICATION T/C TYPE KP05 NEEDLE PROBE CORE TEMPERATURE OF SEMI-SOLID MATERIAL K TP05 NEEDLE PROBE CORE TEMPERATURE OF SEMI-SOLID MATERIAL T KP07 NEEDLE PROBE HEAVY DUTY CORE TEMPERATURE OF SEMI-SOLID MATERIAL K TP07 NEEDLE PROBE HEAVY DUTY CORE TEMPERATURE OF SEMI-SOLID MATERIAL T TP10 SOUS VIDE NEEDLE PROBE CORE TEMPERATURE OF SEMI-SOLID MATERIAL T KM01 LIGHT DUTY M.I. PROBE GENERAL PURPOSE LIQUID/GAS MEASUREMENT K TM01 LIGHT DUTY M.I. PROBE GENERAL PURPOSE LIQUID/GAS MEASUREMENT T KM03 M.I. PROBE GENERAL PURPOSE LIQUID/GAS MEASUREMENT K TM03 M.I. PROBE GENERAL PURPOSE LIQUID/GAS MEASUREMENT T KM04 M.I. PROBE EXTENDED LENGTH GENERAL PURPOSE LIQUID/GAS MEASUREMENT K TM04 M.I. PROBE EXTENDED LENGTH GENERAL PURPOSE LIQUID/GAS MEASUREMENT T KS01 SURFACE BAND PROBE FAST RESPONSE SURFACE MEASUREMENT K TS01-S DUAL PROBE FOR SURFACE AND IMMERSION MEASUREMENT KS07 SURFACE PROBE GENERAL PURPOSE SURFACE MEASUREMENT K TS04 SURFACE PROBE GENERAL PURPOSE SURFACE MEASUREMENT T KS08 HIGH TEMP SURFACE PROBE HIGH TEMPERATURE SURFACE MEASUREMENT K KA04 AIR TEMPERATURE PROBE FAST RESPONSE AIR TEMPERATURE PROBE K TA04 AIR TEMPERATURE PROBE FAST RESPONSE AIR TEMPERATURE PROBE T TA12 SPATULA PROBE BETWEEN PACK PROBE T KH01 SOCKET IN HANDLE HANDLE FOR USE WITH PLUG MOUNTED PROBES K TH01 SOCKET IN HANDLE HANDLE FOR USE WITH PLUG MOUNTED PROBES T KHA02 PLUG MOUNTED AIR PROBE FAST RESPONSE AIR TEMPERATURE PROBE K THA2 PLUG MOUNTED AIR PROBE FAST RESPONSE AIR TEMPERATURE PROBE T KHM01 PLUG MOUNTED M.I. PROBE GENERAL PURPOSE LIQUID/GAS MEASUREMENT K THM01 PLUG MOUNTED M.I. PROBE GENERAL PURPOSE LIQUID/GAS MEASUREMENT T KHN01 PLUG MOUNTED NEEDLE PROBE CORE TEMPERATURE OF SEMI-SOLID MATERIAL K THN01 PLUG MOUNTED NEEDLE PROBE CORE TEMPERATURE OF SEMI-SOLID MATERIAL T THA12 PLUG MOUNTED SPATULA PROBE BETWEEN PACK PROBE T KHS01 PLUG MOUNTED SURFACE BAND PROBE FAST RESPONSE SURFACE MEASUREMENT K KHS02 PLUG MOUNTED SURFACE PROBE GENERAL PURPOSE SURFACE MEASUREMENT K THS02 PLUG MOUNTED SURFACE PROBE GENERAL PURPOSE SURFACE MEASUREMENT T PKHV1 HVAC KIT PROBE KIT DESIGNED FOR THE HVAC INDUTRY K PKF1 FOOD KIT PROBE KIT DESIGNED FOR THE FOOD INDUTRY T PKGP1 GENERAL PURPOSE KIT PROBE KIT CONTAINING MOST POPULAR PROBES K TP01 CORKSCREW PROBE PROBE DESIGNED FOR CORE TEMPERATURE OF MEAT T KPS10 PIPE CLAMP PROBE PROBE DESIGNED TO BE CLAMPED ONTO PIPES K TFS01 FOOD SIMULANT PROBE SIMULATES THE CORE TEMPERATURE OF FOOD IN HOT OR COLD STORAGE |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |