Electronic Components Datasheet Search
  English  ▼

X  

SLA232 Datasheet(PDF) 1 Page - Multicomp Pro

Part # SLA232
Description  Solid Link
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SLA232 Datasheet(HTML) 1 Page - Multicomp Pro

  SLA232 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
29/09/22
Solid Link
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Description
Solid links to fit BS88 fuse carriers. Use these where a cable
termination has to be made but it is desirable that a fuse is not
fitted. For example, the neutral cable, terminated alongside the
fused live.
Part Number Table
Description
Part Number
Solid Link Size A1 Rated 20A BS88
SLA120
Solid Link Size A2 Rated 32A BS88
SLA232
Solid Link Size A3 Rated 63A BS88
SLA363
Solid Link Size A4 Rated 100A BS88
SLA4100
Solid Link Size F1 Rated 32A BS88
SLF132
Specifications
Accessory Type
: Solid Link
For Use With
: Fuse Carriers - BS88
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - SLA232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLA232 ETC2-SLA232 Datasheet
37Kb / 1P
Solid Links for BS88 Type Fuse Carriers
More results

Similar Description - SLA232

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IMSC011 STMICROELECTRONICS-IMSC011 Datasheet
239Kb / 30P
Link adaptor
Jul-1995
logo
COSMO Electronics Corp...
KPLR1320A COSMO-KPLR1320A Datasheet
462Kb / 3P
Photo Link Connector
KPLR1320B COSMO-KPLR1320B Datasheet
467Kb / 3P
Photo Link Connector
KPLR1320M COSMO-KPLR1320M Datasheet
448Kb / 3P
Photo Link Connector
logo
Emcore Corporation
OTS-1L EMCORE-OTS-1L Datasheet
154Kb / 2P
Wideband Optical Link
logo
Dubilier
DWL DUBILIER-DWL Datasheet
215Kb / 1P
WIRE LINK
logo
Harwin Plc
D3083-46 HARWIN-D3083-46 Datasheet
60Kb / 1P
1mm SHORTING LINK
S1911-46R HARWIN-S1911-46R Datasheet
89Kb / 1P
SMT JUMPER LINK
logo
STMicroelectronics
STSW-LINK007 STMICROELECTRONICS-STSW-LINK007 Datasheet
160Kb / 3P
Firmware upgrade for ST-LINK, ST-LINK/V2 and ST-LINK/V2-1 boards
17-Oct-2016
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
IO-Link Master
2020-06-30
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com