Electronic Components Datasheet Search
  English  ▼

X  

STPST1H100 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPST1H100
Description  100 V - 1 A power Schottky trench rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST1H100 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPST1H100 Datasheet HTML 4Page - STMicroelectronics STPST1H100 Datasheet HTML 5Page - STMicroelectronics STPST1H100 Datasheet HTML 6Page - STMicroelectronics STPST1H100 Datasheet HTML 7Page - STMicroelectronics STPST1H100 Datasheet HTML 8Page - STMicroelectronics STPST1H100 Datasheet HTML 9Page - STMicroelectronics STPST1H100 Datasheet HTML 10Page - STMicroelectronics STPST1H100 Datasheet HTML 11Page - STMicroelectronics STPST1H100 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3
Ordering information
Table 6. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPST1H100ZF
T01
SOD123 Flat
12.5 mg
3000
Tape and reel
STPST1H100AF
T1H1
SOD128 Flat
26.4 mg
3000
STPST1H100
Ordering information
DS14189 - Rev 3
page 10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com