Electronic Components Datasheet Search
  English  ▼

X  

TAS2521 Datasheet(PDF) 17 Page - Texas Instruments

Part # TAS2521
Description  Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2521 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS2521 Datasheet HTML 13Page - Texas Instruments TAS2521 Datasheet HTML 14Page - Texas Instruments TAS2521 Datasheet HTML 15Page - Texas Instruments TAS2521 Datasheet HTML 16Page - Texas Instruments TAS2521 Datasheet HTML 17Page - Texas Instruments TAS2521 Datasheet HTML 18Page - Texas Instruments TAS2521 Datasheet HTML 19Page - Texas Instruments TAS2521 Datasheet HTML 20Page - Texas Instruments TAS2521 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
Output Power (mW)
CM=0.75V,AVDD=1.5V
CM=0.75V,AVDD=1.8V
CM=0.75V,AVDD=1.95V
CM=0.9V,AVDD=1.8V
CM=0.9V,AVDD=1.95V
C010
±90
±80
±70
±60
±50
±40
±30
±20
±10
0
0.0
5.0
10.0
15.0
20.0
25.0
Output Power (mW)
Series1
Series2
Series4
Series5
Series6
C011
CM=0.75V,
AVDD=1.5V
CM=0.75V,
AVDD=1.8V
CM=0.75V,
AVDD=1.95V
CM=0.9V,
AVDD=1.8V
CM=0.9V,
AVDD=1.95V
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
20
0
4000
8000
12000
16000
20000
Frequency (Hz)
C008
0dBFS
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
20
0
4000
8000
12000
16000
20000
Frequency (Hz)
C008
0dBFS
TAS2521
www.ti.com
SLAS687A – FEBRUARY 2013 – REVISED FEBRUARY 2013
4.2
HP Driver Performance
Figure 4-8. DAC TO HP FFT Amplitude at 0 dBFS vs Frequency
Figure 4-9. AINL TO HP FFT Amplitude at 0 dBFS vs Frequency
(16
Ω Load)
(16
Ω Load)
Figure 4-10. Total Harmonic Distortion + Noise vs HP Power
Figure 4-11. Total Harmonic Distortion + Noise vs HP Power
(Gain = 9 dB)
(Gain = 32 dB)
Copyright © 2013, Texas Instruments Incorporated
Typical Performance
17
Submit Documentation Feedback
Product Folder Links: TAS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com