Electronic Components Datasheet Search
  English  ▼

X  

TAS5613APHD Datasheet(PDF) 30 Page - Texas Instruments

Part # TAS5613APHD
Description  150W STEREO / 300W MONO PurePath™ HD ANALOG-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5613APHD Datasheet(HTML) 30 Page - Texas Instruments

Back Button TAS5613APHD Datasheet HTML 25Page - Texas Instruments TAS5613APHD Datasheet HTML 26Page - Texas Instruments TAS5613APHD Datasheet HTML 27Page - Texas Instruments TAS5613APHD Datasheet HTML 28Page - Texas Instruments TAS5613APHD Datasheet HTML 29Page - Texas Instruments TAS5613APHD Datasheet HTML 30Page - Texas Instruments TAS5613APHD Datasheet HTML 31Page - Texas Instruments TAS5613APHD Datasheet HTML 32Page - Texas Instruments TAS5613APHD Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
PACKAGE OUTLINE
4224850/C 06/2025
www.ti.com
HTQFP - 1.2 mm max height
PLASTIC QUAD FLATPACK
PHD0064B
A
B
0.2
C A B
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed
0.15 per side.
4. See technical brief. PowerPad Thermally Enhanced Package, Texas Instruments Literature No. SLMA002
(www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004) for information regarding recommended board layout.
PIN 1
INDEX AREA
48
33
17
32
16
1
SEATING PLANE
C
SEE DETAIL A
49
64
0°-7°
0.25
GAGE PLANE
0.1 C
1.05
0.95
60 X 0.8
4 X 12
(0.127) TYP
1.2 MAX
17
16
1
32
33
48
64
49
DETAIL A
TYPICAL
0.75
0.45
THERMAL PAD
NOTE 4
8.00
6.68
14.05
13.95
NOTE 3
14.05
13.95
NOTE 3
8.00
6.68
16.15
15.85
TYP
64 X 0.40
0.30
0.15
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com