Electronic Components Datasheet Search
  English  ▼

X  

TAS5711 Datasheet(PDF) 13 Page - Texas Instruments

Part # TAS5711
Description  20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5711 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5711 Datasheet HTML 9Page - Texas Instruments TAS5711 Datasheet HTML 10Page - Texas Instruments TAS5711 Datasheet HTML 11Page - Texas Instruments TAS5711 Datasheet HTML 12Page - Texas Instruments TAS5711 Datasheet HTML 13Page - Texas Instruments TAS5711 Datasheet HTML 14Page - Texas Instruments TAS5711 Datasheet HTML 15Page - Texas Instruments TAS5711 Datasheet HTML 16Page - Texas Instruments TAS5711 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
t
w(RESET)
RESET
t
d(I2C_ready)
SystemInitialization.
EnableviaI C.
2
T0421-01
I C Active
2
I C Active
2
TAS5711
www.ti.com
SLOS600A – DECEMBER 2009 – REVISED AUGUST 2010
RESET TIMING (RESET)
Control signal parameters over recommended operating conditions (unless otherwise noted). Please refer to Recommended
Use Model section on usage of all terminals.
PARAMETER
MIN
TYP
MAX
UNIT
tw(RESET)
Pulse duration, RESET active
100
µs
td(I2C_ready)
Time to enable I2C
12.0
ms
NOTES: On power up, it is recommended that the TAS5711 RESET be held LOW for at least 100 ms after DVDD has
reached 3 V.
If the RESET is asserted LOW while PDN is LOW, then the RESET must continue to be held LOW for at least 100 ms
after PDN is deasserted (HIGH).
Figure 5. Reset Timing
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TAS5711



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com