Electronic Components Datasheet Search
  English  ▼

X  

TCA9544APWR Datasheet(PDF) 21 Page - Texas Instruments

Part # TCA9544APWR
Description  TCA9544A Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9544APWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TCA9544APWR Datasheet HTML 17Page - Texas Instruments TCA9544APWR Datasheet HTML 18Page - Texas Instruments TCA9544APWR Datasheet HTML 19Page - Texas Instruments TCA9544APWR Datasheet HTML 20Page - Texas Instruments TCA9544APWR Datasheet HTML 21Page - Texas Instruments TCA9544APWR Datasheet HTML 22Page - Texas Instruments TCA9544APWR Datasheet HTML 23Page - Texas Instruments TCA9544APWR Datasheet HTML 24Page - Texas Instruments TCA9544APWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
A0
A1
A2
INT0
SD0
SC0
INT1
SD1
SC1
GND
VCC
SDA
SCL
INT
SC3
SD3
INT3
SC2
SD2
INT2
VDPU1
VDPU0
VIA to Power Plane
Partial Power Plane
VDPU3
VDPUM
VIA to GND Plane (Inner Layer)
Polygonal
Copper Pour
VCC
GND
Bypass/Decoupling
Capacitors
GND
VDPU2
To I2C Master
LEGEND
21
TCA9544A
www.ti.com
SCPS209C – MAY 2014 – REVISED NOVEMBER 2019
Product Folder Links: TCA9544A
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
For PCB layout of the TCA9544A, common PCB layout practices should be followed but additional concerns
related to high-speed data transfer such as matched impedances and differential pairs are not a concern for I2C
signal speeds. It is common to have a dedicated ground plane on an inner layer of the board and pins that are
connected to ground should have a low-impedance path to the ground plane in the form of wide polygon pours
and multiple vias. By-pass and de-coupling capacitors are commonly used to control the voltage on the VCC pin,
using a larger capacitor to provide additional power in the event of a short power supply glitch and a smaller
capacitor to filter out high-frequency ripple.
In an application where voltage translation is not required, all VDPUX voltages and VCC could be at the same
potential and a single copper plane could connect all of pull-up resistors to the appropriate reference voltage. In
an application where voltage translation is required, VDPUM, VDPU0, VDPU1, VDPU2, and VDPU3 may all be on the
same layer of the board with split planes to isolate different voltage potentials.
To reduce the total I2C bus capacitance added by PCB parasitics, data lines (SCn, SDn and INTn) should be a
short as possible and the widths of the traces should also be minimized (e.g. 5-10 mils depending on copper
weight).
11.2 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com