Electronic Components Datasheet Search
  English  ▼

X  

394-2AB Datasheet(PDF) 6 Page - Wakefield Thermal, Inc.

Part # 394-2AB
Description  Extruded Heat Sinks
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAKEFIELDTHERMAL [Wakefield Thermal, Inc.]
Direct Link  https://wakefieldthermal.com/
Logo WAKEFIELDTHERMAL - Wakefield Thermal, Inc.

394-2AB Datasheet(HTML) 6 Page - Wakefield Thermal, Inc.

  394-2AB Datasheet HTML 1Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 2Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 3Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 4Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 5Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 6Page - Wakefield Thermal, Inc. 394-2AB Datasheet HTML 7Page - Wakefield Thermal, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Extruded
Heat Sinks
All other products, please contact factory for price, delivery, and minimums.
Normally stocked
55
SERIES 517, 527, 518 AND 528
Heat Sinks for “Half Brick” DC/DC Converters
Thermal Performance
Footprint
Natural Convection
Forced Convection
Standard
Dimensions
Height
Fin
Number
Power Dissipation (Watts)
Thermal Resistance
P/N
in. (mm)
in. (mm)
Orientation
of Fins
60°C Rise Heat Sink to Ambient
at 300 ft/min
517-95AB
2.28 (57.9) x 2.40 (61.0)
0.95 (24.1)
Horizontal
8
11W
2.0 °C/W
527-45AB
2.28 (57.9) x 2.40 (61.0)
0.45 (11.4)
Horizontal
11
7W
3.2 °C/W
527-24AB
2.28 (57.9) x 2.40 (61.0)
0.24 (6.1)
Horizontal
11
5W
5.8 °C/W
518-95AB
2.40 (61.0) x 2.28 (57.9)
0.95 (24.1)
Vertical
8
11W
2.0 °C/W
528-45AB
2.40 (61.0) x 2.28 (57.9)
0.45 (11.4)
Vertical
11
7W
3.2 °C/W
528-24AB
2.40 (61.0) x 2.28 (57.9)
0.24 (6.1)
Vertical
11
5W
5.8 °C/W
Material: Aluminum, Black Anodized.
Keep your "half brick" size AT&T and Computer Products power modules cool with these effi-
cient black anodized aluminum heat sinks made for natural or forced convection applications.
To include four M3 x 8mm Phillips head SEM attachment screws, add an “M” suffix to stan-
dard part number. To specify factory applied Deltalink IV thermal interface material, add an
“S4” suffix to standard part number. Deltalink IV is a non-insulating graphite based material
used as a clean, thermally efficient alternative to thermal grease.
TO-220 and TO-218
MECHANICAL DIMENSIONS
517, 527, 518 AND 528 SERIES
PRODUCT DESIGNATION
517 /527 SERIES DIMENSIONS
518 /528 SERIES DIMENSIONS
EXTRUDED HEAT SINKS FOR POWER SEMICONDUCTORS
Standard
Description
For Use with Series
Mounting
Hipot Rating
Weight
P/N
Hardware
Material
(VAC)
lbs. (grams)
v 103
Spool-shaped insulator
300, 400, 600, 111, 113
#6-32 screw
PTFE
1500
0.00012 (0.05)
107
Spool-shaped insulator
300, 400, 600, 111, 113
#6-32 screw, nut
PTFE
5000
0.0034 (1.54)
100 SERIES
PTFE Mounting Insulators
MOUNTING HARDWARE FOR EXTRUDED HEAT SINKS
103 SERIES
107 SERIES
Dimensions: in. (mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com