Electronic Components Datasheet Search
  English  ▼

X  

395-2AB Datasheet(PDF) 4 Page - Wakefield Thermal, Inc.

Part # 395-2AB
Description  Extruded Heat Sinks
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAKEFIELDTHERMAL [Wakefield Thermal, Inc.]
Direct Link  https://wakefieldthermal.com/
Logo WAKEFIELDTHERMAL - Wakefield Thermal, Inc.

395-2AB Datasheet(HTML) 4 Page - Wakefield Thermal, Inc.

  395-2AB Datasheet HTML 1Page - Wakefield Thermal, Inc. 395-2AB Datasheet HTML 2Page - Wakefield Thermal, Inc. 395-2AB Datasheet HTML 3Page - Wakefield Thermal, Inc. 395-2AB Datasheet HTML 4Page - Wakefield Thermal, Inc. 395-2AB Datasheet HTML 5Page - Wakefield Thermal, Inc. 395-2AB Datasheet HTML 6Page - Wakefield Thermal, Inc. 395-2AB Datasheet HTML 7Page - Wakefield Thermal, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Extruded
Heat Sinks
All other products, please contact factory for price, delivery, and minimums.
Normally stocked
53
EXTRUDED HEAT SINKS FOR POWER SEMICONDUCTORS
465 AND 476 SERIES
High-Power Heat Sinks for Medium Hex-Type Rectifiers and Diodes
Stud-Mount
Wakefield Engineering has designed four standard heat sink types for ease of installation and
efficient heat dissipation for industry standard hex-type rectifiers and similar stud-mount
power devices: 465, 476, 486, and 489 Series. The 465 and 476 Series shown here are
designed for 1.060 in. Hex (465 Type) and 1.250 in. Hex (476 Type). The 476W Type is avail-
able predrilled for an 0.765 in. (19.4) dia, mounting hole, Material: Aluminum Alloy, Black
anodized.
Nominal Dimensions
Standard
Width
Length
Height
Hex Style
Mounting
Thermal Performance at Typical Load
Weight
P/N
in. (mm)
in. (mm)
in. (mm)
Type
Hole Pattern
Natural Convection
Forced Convection
lbs. (grams)
465K
4.000 (101.6)
5.000 (127.0)
4.000 (101.6)
1.060 in. Hex
None
38°C @ 5OW
0.27°C/W @500 LFM
1.9300 (875.45)
476K
5.000 (127.0)
6.000 (152.4)
5.000 (127.0)
1.250 in. Hex
None
25°C @ 5OW
0.19°C/W @500 LFM
2.8200(1279.15)
476W
5.000 (127.0)
6.000 (152.4)
5.000 (127.0)
1.250 in. Hex
0.765 in.
25°C @ 5OW
0.19°C/W @500 LFM
2.8000(1270.08)
(19.4)Dia.
Center Mount
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
SEMICONDUCTOR
MOUNTING HOLES
K
W
476 SERIES (EXTRUSION
PROFILE 1245)
465 SERIES (EXTRUSION
PROFILE 1244)
486 AND 489 SERIES
Heat Sinks for High-Power Hex-Type Rectifiers and Diodes
Stud-Mount
Nominal Dimensions
Standard
Width
Length
Height
Hex Style
Mounting
Thermal Performance at Typical Load
Weight
P/N
in. (mm)
in. (mm)
in. (mm)
Type
Hole Pattern
Natural Convection
Forced Convection
lbs. (grams)
486K
6.250 (158.8)
6.000 (152.4)
6.250 (158.8)
1.750 in. Hex
None
24° C @ 50W
0.20° C/W @250 LFM
4.2100 (1909.66)
86° C @ 250W
0.13° C/W @500 LFM
489K
6.250 (158.8)
9.000 (228.6)
6.250 (158.8)
1.750 in. Hex
None
19° C @ 50W
0.15° C/W @250 LFM
6.1400 (2785.10)
75° C @ 250W
0.10° C/W @500 LFM
These two heat sink types accept industry standard 1.750 in. (44.5) hex-type devices for
mounting and efficient heat dissipation. Each type is provided with a 1.750 in. (44.5) x 2.000
in. (50.8) area on the semiconductor base mounting surface which is free of anodize.
Material: Aluminum Alloy, Black Anodized.
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
K
SEMICONDUCTOR
MOUNTING HOLE
MECHANICAL DIMENSIONS
486 AND 489 SERIES
(EXTRUSION
PROFILE 1541)
Dimensions: in. (mm)
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
SERIES
486
489



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com