Electronic Components Datasheet Search
  English  ▼

X  

THS4041 Datasheet(PDF) 11 Page - Texas Instruments

Part # THS4041
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4041 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4041 Datasheet HTML 7Page - Texas Instruments THS4041 Datasheet HTML 8Page - Texas Instruments THS4041 Datasheet HTML 9Page - Texas Instruments THS4041 Datasheet HTML 10Page - Texas Instruments THS4041 Datasheet HTML 11Page - Texas Instruments THS4041 Datasheet HTML 12Page - Texas Instruments THS4041 Datasheet HTML 13Page - Texas Instruments THS4041 Datasheet HTML 14Page - Texas Instruments THS4041 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 48
15
13
11
9
7
1
−20
−40
0
20
40
60
80
100
5
3
TA − Free-Air Temperature − °C
VCC = ±15 V
RL = 250 Ω
VCC = ±5 V
RL = 1 kΩ
VCC = ±15 V
RL = 150 Ω
VCC = ±15 V
RL = 1 kΩ
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
Figure 49
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
± VCC − Supply Voltage − V
10
9
8
5
7
5
9
11
13
15
7
6
TA = 85°C
TA = −40°C
TA = 25°C
Figure 50
1-V FALLING EDGE
RESPONSE
0
50
100
150
200
t − Time − ns
250
300
CL = 1000 pF
VCC = ±15 V
Gain = 1
RF = 200 Ω
RL = 150 Ω
CL = 0.01 µF
CL = 100 pF
CL = 10 pF
Figure 51
1-V FALLING EDGE
RESPONSE
0
50
100
150
200
t − Time − ns
250
300
350
CL = 1000 pF
VCC = ±5 V
Gain = 1
RF = 200 Ω
RL = 150 Ω
CL = 0.01 µF
CL = 100 pF
CL = 10 pF
5-V FALLING EDGE
RESPONSE
0
50
100
150
200
t − Time − ns
250
Figure 52
VCC = ±15 V
Gain = 1
RF = 200 Ω
RL = 150 Ω
CL = 1000 pF
CL = 100 pF
CL = 10 pF
Figure 53
5-V FALLING EDGE
RESPONSE
0
50
100
150
200
t − Time − ns
250
VCC = ±5 V
Gain = 1
RF = 200 Ω
RL = 150 Ω
CL = 1000 pF
CL = 100 pF
CL = 10 pF
Figure 54
5-V AND 1-V STEP
RESPONSE
0
100
200
−4
−3
−2
−1
0
1
2
3
4
300
400
t − Time − ns
5−V Step
1−V Step
VCC = ±15 V
Gain = −1
RF = 2 kΩ
RL = 150 Ω
CL = 1000 pF
Figure 55
5-V AND 1-V STEP
RESPONSE
0
100
200
−4
−3
−2
−1
0
1
2
3
4
300
400
t − Time − ns
500
5−V Step
1−V Step
VCC = ±5 V
Gain = −1
RF = 2 kΩ
RL = 150 Ω
CL = 1000 pF
Figure 56
CAPACITIVE LOAD
RESPONSE
0.0
0.5
1.0
−4
−3
−2
−1
0
1
2
3
4
1.5
2.0
2.5
3.0
Gain = −1
Gain = 1
VCC = ±15 V
RL = 150 Ω
CL = 0.01 µF
t − Time −
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com