Electronic Components Datasheet Search
  English  ▼

X  

THS3115 Datasheet(PDF) 12 Page - Texas Instruments

Part # THS3115
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3115 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS3115 Datasheet HTML 8Page - Texas Instruments THS3115 Datasheet HTML 9Page - Texas Instruments THS3115 Datasheet HTML 10Page - Texas Instruments THS3115 Datasheet HTML 11Page - Texas Instruments THS3115 Datasheet HTML 12Page - Texas Instruments THS3115 Datasheet HTML 13Page - Texas Instruments THS3115 Datasheet HTML 14Page - Texas Instruments THS3115 Datasheet HTML 15Page - Texas Instruments THS3115 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
7.7 Typical Characteristics: ±15 V (continued)
at TA ≅ 25°C, VS = ±15 V, RF = 1.21 kΩ, G = +2 V/V, and RL = 100 Ω (unless otherwise noted)
VOUT (VPP)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
500
750
1000
1250
1500
1750
2000
2250
2500
Falling
Rising
Gain = 1 V/V, RF = 1.78 kΩ
Figure 7-13. Slew Rate vs Output Voltage Step
VOUT (VPP)
0
1
2
3
4
5
6
7
8
9
10
500
1000
1500
2000
2500
3000
3500
4000
Falling
Rising
.
Figure 7-14. Slew Rate vs Output Voltage Step
VOUT (VPP)
0
2
4
6
8
10
12
14
16
18
20
0
1000
2000
3000
4000
5000
6000
7000
Falling
Rising
Gain = 5 V/V, RF = 1 kΩ
Figure 7-15. Slew Rate vs Output Voltage Step
Frequency (Hz)
10
100
1k
10k
100k
1
10
100
1k
Inverting current noise
Noninverting current noise
Voltage noise
.
Figure 7-16. Noise vs Frequency
Gain = –2 V/V, RF = 1 kΩ
Figure 7-17. Settling Time
Time (ns)
0
1
2
3
4
5
6
7
8
9
10
-5
-4
-3
-2
-1
0
1
2
3
4
5
Falling
Rising
Gain = 5 V/V, RF = 1 kΩ
Figure 7-18. Settling Time
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com