Electronic Components Datasheet Search
  English  ▼

X  

THS3091D Datasheet(PDF) 26 Page - Texas Instruments

Part # THS3091D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3091D Datasheet(HTML) 26 Page - Texas Instruments

Back Button THS3091D Datasheet HTML 22Page - Texas Instruments THS3091D Datasheet HTML 23Page - Texas Instruments THS3091D Datasheet HTML 24Page - Texas Instruments THS3091D Datasheet HTML 25Page - Texas Instruments THS3091D Datasheet HTML 26Page - Texas Instruments THS3091D Datasheet HTML 27Page - Texas Instruments THS3091D Datasheet HTML 28Page - Texas Instruments THS3091D Datasheet HTML 29Page - Texas Instruments THS3091D Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
9.4.1.2 Power Dissipation and Thermal Considerations
The THS309x incorporates automatic thermal shutoff protection. This protection circuitry shuts down the
amplifier if the junction temperature exceeds approximately 160°C. When the junction temperature reduces
to approximately 140°C, the amplifier turns on again. But, for maximum performance and reliability, the designer
must ensure that the design does not exceed a junction temperature of 125°C. Between 125°C and 150°C,
damage does not occur, but the performance of the amplifier begins to degrade and long-term reliability suffers.
The thermal characteristics of the device are dictated by the package and the PCB. Maximum power dissipation
for a given package is calculated using the following equation:
PDmax = Tmax − TA
θJA
(6)
Where:
• PDmax is the maximum power dissipation in the amplifier (W).
• Tmax is the absolute maximum junction temperature (°C)
• TA is the ambient temperature (°C)
• θJA = θJC + θCA
• θJC is the thermal coefficient from the silicon junctions to the case (°C/W)
• θCA is the thermal coefficient from the case to ambient air (°C/W)
For systems where heat dissipation is more critical, the THS3091 and THS3095 are offered in an 8-pin
SOIC (DDA) with PowerPAD package. The thermal coefficient for the PowerPAD packages are substantially
improved over the traditional SOIC. The data for the PowerPAD packages assume a board layout that follows
the PowerPAD layout guidelines referenced above and detailed in the PowerPAD™ Thermally Enhanced
Package application note. If the PowerPAD is not soldered to the PCB, then the thermal impedance increases
substantially, which can cause serious heat and performance issues. Be sure to always solder the PowerPAD to
the PCB to optimize performance.
When determining whether or not the device satisfies the maximum power-dissipation requirement, consider not
only quiescent power dissipation, but also dynamic power dissipation. Often times, ynamic power dissipation is
difficult to quantify because the signal pattern is inconsistent, but an estimate of the RMS power dissipation can
provide visibility into a possible problem.
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com