Electronic Components Datasheet Search
  English  ▼

X  

THS4131 Datasheet(PDF) 12 Page - Texas Instruments

Part # THS4131
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4131 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4131 Datasheet HTML 8Page - Texas Instruments THS4131 Datasheet HTML 9Page - Texas Instruments THS4131 Datasheet HTML 10Page - Texas Instruments THS4131 Datasheet HTML 11Page - Texas Instruments THS4131 Datasheet HTML 12Page - Texas Instruments THS4131 Datasheet HTML 13Page - Texas Instruments THS4131 Datasheet HTML 14Page - Texas Instruments THS4131 Datasheet HTML 15Page - Texas Instruments THS4131 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
12
THS4531
SLOS358C – SEPTEMBER 2011 – REVISED APRIL 2020
www.ti.com
Product Folder Links: THS4531
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
6.2 Table of Graphs
Description
VS = 2.7 V
VS = 5 V
Small-signal frequency response
Figure 2
Figure 35
Large-signal frequency response
Figure 3
Figure 36
Large- and small-signal pulse response
Figure 4
Figure 37
Single-ended slew rate versus VOUT step
Figure 5
Figure 38
Differential slew rate versus VOUT step
Figure 6
Figure 39
Overdrive recovery
Figure 7
Figure 40
10-kHz FFT on audio analyzer
Figure 8
Figure 41
Harmonic distortion versus frequency
Figure 9
Figure 42
Harmonic distortion versus output voltage at 1 MHz
Figure 10
Figure 43
Harmonic distortion versus gain at 1 MHz
Figure 11
Figure 44
Harmonic distortion versus load at 1 MHz
Figure 12
Figure 45
Harmonic distortion versus VOCM at 1 MHz
Figure 13
Figure 46
Two-tone, 2nd and 3rd order intermodulation distortion versus frequency
Figure 14
Figure 47
Single-ended output voltage swing versus load resistance
Figure 15
Figure 48
Single-ended output saturation voltage versus load current
Figure 16
Figure 49
Main amplifier differential output impedance versus frequency
Figure 17
Figure 50
Frequency response versus CLOAD
Figure 18
Figure 51
RO versus CLOAD
Figure 19
Figure 52
Rejection ratio versus frequency
Figure 20
Figure 53
Turn-on time
Figure 21
Figure 54
Turn-off time
Figure 22
Figure 55
Input-referred voltage noise and current noise spectral density
Figure 23
Figure 56
Main amplifier differential open-loop gain and phase versus frequency
Figure 24
Figure 57
Output balance error versus frequency
Figure 25
Figure 58
VOCM small signal frequency response
Figure 26
Figure 59
VOCM large and small signal pulse response
Figure 27
Figure 60
VOCM input impedance versus frequency
Figure 28
Figure 61
Count versus input offset current
Figure 29
Figure 62
Count versus input offset current temperature drift
Figure 30
Figure 63
Input offset current versus temperature
Figure 31
Figure 64
Count versus input offset voltage
Figure 32
Figure 65
Count versus input offset voltage temperature drift
Figure 33
Figure 66
Input offset voltage versus temperature
Figure 34
Figure 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com