Electronic Components Datasheet Search
  English  ▼

X  

THS4140/1 Datasheet(PDF) 40 Page - Texas Instruments

Part # THS4140/1
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4140/1 Datasheet(HTML) 40 Page - Texas Instruments

Back Button THS4140/1 Datasheet HTML 36Page - Texas Instruments THS4140/1 Datasheet HTML 37Page - Texas Instruments THS4140/1 Datasheet HTML 38Page - Texas Instruments THS4140/1 Datasheet HTML 39Page - Texas Instruments THS4140/1 Datasheet HTML 40Page - Texas Instruments THS4140/1 Datasheet HTML 41Page - Texas Instruments THS4140/1 Datasheet HTML 42Page - Texas Instruments THS4140/1 Datasheet HTML 43Page - Texas Instruments THS4140/1 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
8X (1.4)
8X (0.45)
6X (0.65)
(4.4)
(R0.05) TYP
(2)
NOTE 9
(3)
NOTE 9
(1.22)
(0.55)
(
0.2) TYP
VIA
(1.57)
(1.89)
PowerPAD VSSOP - 1.1 mm max height
DGN0008D
SMALL OUTLINE PACKAGE
4225481/A 11/2019
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
8. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
9. Size of metal pad may vary due to creepage requirement.
TM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 15X
SYMM
SYMM
1
4
5
8
SOLDER MASK
DEFINED PAD
METAL COVERED
BY SOLDER MASK
SEE DETAILS
9
15.000
METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED METAL
EXPOSED METAL
SOLDER MASK DETAILS
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com