Electronic Components Datasheet Search
  English  ▼

X  

THS4520 Datasheet(PDF) 32 Page - Texas Instruments

Part # THS4520
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4520 Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS4520 Datasheet HTML 28Page - Texas Instruments THS4520 Datasheet HTML 29Page - Texas Instruments THS4520 Datasheet HTML 30Page - Texas Instruments THS4520 Datasheet HTML 31Page - Texas Instruments THS4520 Datasheet HTML 32Page - Texas Instruments THS4520 Datasheet HTML 33Page - Texas Instruments THS4520 Datasheet HTML 34Page - Texas Instruments THS4520 Datasheet HTML 35Page - Texas Instruments THS4520 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
-95
97
99
101
103
-
-
-
-
-
-
-
-
-
-
105
107
109
111
113
115
10
100
1 k
10 k
100 k
Frequency (Hz)
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY (No Weighting)
10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0
5 k
10 k
15 k
20 k
25 k
30 k
35 k
Frequency (Hz)
Generator
THS4521
V
= 5.0 V
G = 1 V/V
R = 1 k
V
= 1 V
S+
F
OUT
RMS
W
10-kHz OUTPUT SPECTRUM
THS4521 on AP Analyzer
-50
60
70
80
90
100
110
120
-
-
-
-
-
-
-
0
5
10
15
20
Frequency (kHz)
TOTAL HARMONIC DISTORTION + NOISE
THS4521 Measured on AP Analyzer
THS4521
Signal Generator
THS4521, THS4522, THS4524
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
www.ti.com
Note that the harmonic distortion performance is very close to the same with and without the device meaning the
THS4521 performance is actually much better than can be directly measured by this method. The actual device
performance can be estimated by placing the device in a large noise gain and using the reduction in loop gain
correction. The THS4521 is placed in a noise gain of 101 by adding a 10-
Ω resistor directly across the input
terminals of the circuit shown in Figure 66. This test was performed using the AP instrument as both the signal
source and the analyzer. The second-order harmonic distortion at 1 kHz is estimated to be –122 dBc with VO =
1VRMS; third-order harmonic distortion is estimated to be –141 dBc. The third-order harmonic distortion result
matches exactly with design simulations, but the second-order harmonic distortion is about 10 dB worse. This
result is not unexpected because second-order harmonic distortion performance with a differential signal
depends heavily on cancellation as a result of the differential nature of the signal, which depends on board
layout, bypass capacitors, external cabling, and so forth. Note that the circuit of Figure 66 is also used to
measure crosstalk between channels.
The THS4521 shows even better THD+N performance when driving higher amplitude output, such as 5 VPP that
is more typical when driving an ADC. To show performance with an extended frequency range, higher gain, and
higher amplitude, the device was tested with 5 VPP up to 80 kHz with the AP. Figure 69 shows the resulting
THD+N graph with no weighting.
Figure 67. THS4521 1-VRMS 20-Hz to 20-kHz Thd+N
Figure 68. THS4521 1-VRMS 10-kHz FFT Plot
Figure 69. Thd+N (No Weighting) on Ap, 80-kHz Bandwidth at G = 1 With 5-VPP Output
32
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com