Electronic Components Datasheet Search
  English  ▼

X  

THS7368IPW Datasheet(PDF) 9 Page - Texas Instruments

Part # THS7368IPW
Description  6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7368IPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS7368IPW Datasheet HTML 5Page - Texas Instruments THS7368IPW Datasheet HTML 6Page - Texas Instruments THS7368IPW Datasheet HTML 7Page - Texas Instruments THS7368IPW Datasheet HTML 8Page - Texas Instruments THS7368IPW Datasheet HTML 9Page - Texas Instruments THS7368IPW Datasheet HTML 10Page - Texas Instruments THS7368IPW Datasheet HTML 11Page - Texas Instruments THS7368IPW Datasheet HTML 12Page - Texas Instruments THS7368IPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
THS7368
www.ti.com
SBOS497 – DECEMBER 2009
ELECTRICAL CHARACTERISTICS: VS+ = +5 V (continued)
At TA = +25°C, RL = 150 Ω to GND, Filter mode, and dc-coupled input/output, unless otherwise noted.
THS7368
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LEVEL(1)
AC PERFORMANCE (SF CHANNELS, FULL/TRUE-HD FILTER)
Passband bandwidth
–1 dB; VO = 0.2 VPP and 2 VPP
53
60
66
MHz
B
Small- and large-signal bandwidth
–3 dB; VO = 0.2 VPP and 2 VPP
60
72
83
MHz
B
With respect to 500 kHz, f = 54 MHz
–0.5
0.5
2
dB
A
Attenuation
With respect to 500 kHz, f = 148 MHz
33
40
dB
A
Group delay
f = 100 kHz
11
ns
C
Group delay variation
f = 54 MHz with respect to 100 kHz
4
ns
C
Channel-to-channel delay
0.3
ns
C
Total harmonic distortion
f = 20 MHz, VO = 1.4 VPP
–57
dB
C
100 kHz to 60 MHz, non-weighted
60
dB
C
Signal-to-noise ratio
Unified weighting
70
dB
C
All channels, TA = +25°C
5.7
6
6.3
dB
A
Gain
All channels, TA = –40°C to +85°C
5.65
6.35
dB
B
Output impedance
f = 60 MHz
1.5
Ω
C
Return loss
f = 60 MHz
40
dB
C
f = 50 MHz, SF to SD channels
–63
dB
C
Crosstalk
f = 50 MHz, SD to SF channels
–68
dB
C
f = 50 MHz, SF to SF channels
–50
dB
C
AC PERFORMANCE (SF CHANNELS, BYPASS)
Passband bandwidth
–1 dB; VO = 0.2 VPP
190
300
MHz
B
Small-signal bandwidth
–3 dB; VO = 0.2 VPP
260
375
MHz
B
Slew rate
VO = 2 VPP
460
600
V/µs
B
Group delay
f = 100 kHz
2.4
ns
C
Channel-to-channel delay
0.3
ns
C
Total harmonic distortion
f = 20 MHz, VO = 1.4 VPP
–68
dB
C
100 kHz to 100 MHz, non-weighted
60
dB
C
Signal-to-noise ratio
100 kHz to 100 MHz, unified weighting
70
dB
C
All channels, TA = +25°C
5.7
6
6.3
dB
B
Gain
All channels, TA = –40°C to +85°C
5.65
6.35
dB
B
f = 100 MHz
3
Ω
C
Output impedance
Disabled
2 || 3
k
Ω || pF
C
Return loss
f = 100 MHz
34
dB
C
f = 50 MHz, SF to SD channels
–50
dB
C
Crosstalk
f = 50 MHz, SD to SF channels
–66
dB
C
f = 50 MHz, SF to SF channels
–40
dB
C
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS7368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com