Electronic Components Datasheet Search
  English  ▼

X  

THS4042CD Datasheet(PDF) 20 Page - Texas Instruments

Part # THS4042CD
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4042CD Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS4042CD Datasheet HTML 16Page - Texas Instruments THS4042CD Datasheet HTML 17Page - Texas Instruments THS4042CD Datasheet HTML 18Page - Texas Instruments THS4042CD Datasheet HTML 19Page - Texas Instruments THS4042CD Datasheet HTML 20Page - Texas Instruments THS4042CD Datasheet HTML 21Page - Texas Instruments THS4042CD Datasheet HTML 22Page - Texas Instruments THS4042CD Datasheet HTML 23Page - Texas Instruments THS4042CD Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
general PowerPAD design considerations (continued)
The actual thermal performance achieved with the THS404xDGN in its PowerPAD package depends on the
application. In the example above, if the size of the internal ground plane is approximately 3 inches
× 3 inches,
then the expected thermal coefficient,
θJA, is about 58.4_C/W. For comparison, the non-PowerPAD version of
the THS404x IC (SOIC) is shown. For a given
θJA, the maximum power dissipation is shown in Figure 71 and
is calculated by the following formula:
P
D +
T
MAX
–T
A
q
JA
Where:
PD
= Maximum power dissipation of THS404x IC (watts)
TMAX = Absolute maximum junction temperature (150°C)
TA
= Free-ambient air temperature (
°C)
θJA = θJC + θCA
θJC = Thermal coefficient from junction to case (°C/W)
θCA = Thermal coefficient from case to ambient air (°C/W)
DGN Package
θJA = 58.4°C/W
2 oz. Trace And Copper Pad
With Solder
DGN Package
θJA = 158°C/W
2 oz. Trace And
Copper Pad
Without Solder
SOIC Package
High-K Test PCB
θJA = 98°C/W
TJ = 150°C
SOIC Package
Low-K Test PCB
θJA = 167°C/W
2
1.5
1
0
−40
−20
0
20
40
2.5
3
MAXIMUM POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
3.5
60
80
100
0.5
TA − Free-Air Temperature − °C
NOTE A: Results are with no air flow and PCB size = 3”
× 3”
Figure 71. Maximum Power Dissipation vs Free-Air Temperature
More complete details of the PowerPAD installation process and thermal management techniques can be found
in the Texas Instruments Technical Brief, PowerPAD Thermally Enhanced Package. This document can be
found at the TI web site (www.ti.com) by searching on the key word PowerPAD. The document can also be
ordered through your local TI sales office. Refer to literature number SLMA002 when ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com