Electronic Components Datasheet Search
  English  ▼

X  

THS7368IPWR Datasheet(PDF) 30 Page - Texas Instruments

Part # THS7368IPWR
Description  6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7368IPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS7368IPWR Datasheet HTML 26Page - Texas Instruments THS7368IPWR Datasheet HTML 27Page - Texas Instruments THS7368IPWR Datasheet HTML 28Page - Texas Instruments THS7368IPWR Datasheet HTML 29Page - Texas Instruments THS7368IPWR Datasheet HTML 30Page - Texas Instruments THS7368IPWR Datasheet HTML 31Page - Texas Instruments THS7368IPWR Datasheet HTML 32Page - Texas Instruments THS7368IPWR Datasheet HTML 33Page - Texas Instruments THS7368IPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
THS7368
SBOS497 – DECEMBER 2009
www.ti.com
source impedance (which includes the source, series
drive at least 1.25 VP (100% saturation CVBS)/37.5 Ω
resistor, and the filter) must be better than 75
Ω,
= 33.3 mA. A DAC is a current-steering element, and
+9/–8
Ω. The THS7368 is an operational amplifier
this amount of current flows internally to the DAC
that approximates an ideal voltage source, which is
even if the output is 0 V. Thus, power dissipation in
desirable because the output impedance is very low
the DAC may be very high, especially when six
and can source and sink current. To properly match
channels are being driven. Using the THS7368 with a
the transmission line characteristic impedance of a
high input impedance and the capability to drive up to
video line, a 75-
Ω series resistor is placed on the
two video lines per channel can reduce DAC power
output. To minimize reflections and to maintain a
dissipation significantly. This outcome is possible
good return loss meeting EIA specifications, this
because the resistance that the DAC drives can be
output impedance must maintain a 75-
Ω impedance.
substantially increased. It is common to set this
A wide impedance variation of a passive filter cannot
resistance in a DAC by a current-setting resistor on
ensure this level of performance. On the other hand,
the DAC itself. Thus, the resistance can be 300
Ω or
the THS7368 has approximately 0.7
Ω of output
more,
substantially
reducing
the
current
drive
impedance, or a return loss of 46 dB, at 6.75 MHz for
demands from the DAC and saving significant
the SD filters and approximately 1.7
Ω of output
amounts of power. For example, a 3.3-V, six-channel
impedance, or a return loss of 39 dB, at 30 MHz for
DAC dissipates 660 mW alone for the steering
the SF-HD filters. Thus, the system is matched
current capability (six channels × 33.3 mA × 3.3 V) if
significantly better with a THS7368 compared to a
it must drive a 37.5-
Ω load. With a 300-Ω load, the
passive filter.
DAC power dissipation as a result of current steering
current would only be 82 mW (six channels × 4.16
One final benefit of the THS7368 over a passive filter
mA × 3.3 V).
is power dissipation. A DAC driving a video line must
be able to drive a 37.5-
Ω load: the receiver 75-Ω
resistor and the 75-
Ω impedance matching resistor
next to the DAC to maintain the source impedance
requirement. This requirement forces the DAC to
30
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): THS7368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com