Electronic Components Datasheet Search
  English  ▼

X  

THS3095DDA Datasheet(PDF) 1 Page - Texas Instruments

Part # THS3095DDA
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS3095DDA Datasheet(HTML) 1 Page - Texas Instruments

  THS3095DDA Datasheet HTML 1Page - Texas Instruments THS3095DDA Datasheet HTML 2Page - Texas Instruments THS3095DDA Datasheet HTML 3Page - Texas Instruments THS3095DDA Datasheet HTML 4Page - Texas Instruments THS3095DDA Datasheet HTML 5Page - Texas Instruments THS3095DDA Datasheet HTML 6Page - Texas Instruments THS3095DDA Datasheet HTML 7Page - Texas Instruments THS3095DDA Datasheet HTML 8Page - Texas Instruments THS3095DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
1 Features
• Low distortion:
– 84-dBc HD2 at 10 MHz, RL = 1 kΩ
– 99-dBc HD3 at 10 MHz, RL = 1 kΩ
• Low noise:
– 15-pA/√Hz noninverting current noise
– 14-pA/√Hz inverting current noise
– 1.1-nV/√Hz voltage noise
• High slew rate: 6000 V/μs (G = 5, VO = 20 VPP)
• Wide bandwidth: 305 MHz (G = 2, RL = 100 Ω)
• High output current drive: ±310 mA
• Wide supply range: ±5 V to ±16 V
• Power-down feature: THS3095 only
2 Applications
• High-voltage arbitrary waveform generators
• Pin Driver
• Power-FET drivers
• Source measurement unit (SMU)
• High capacitive load piezo element drivers
Frequency (Hz)
-110
-100
-90
-80
-70
-60
-50
-40
-30
100k
1M
10M
100M
HD2, G = 1 V/V, RF = 1.78 k
HD2, G = 2 V/V, RF = 1.21 k
HD3, G = 1 V/V, RF = 1.78 k
HD3, G = 2 V/V, RF = 1.21 k
HD2 and HD3 vs Frequency at RL = 100 Ω
3 Description
The THS3091 and THS3095 (THS309x) are high-
voltage, low-distortion, high-speed, current-feedback
amplifiers that operate over a wide supply range
of ±5 V to ±16 V. These devices are an excellent
choice for applications that require large, linear output
signals, such as pin drivers, power-FET drivers, and
arbitrary waveform generators.
The THS3095 features a power-down pin (PD) that
puts the amplifier into a low-power standby mode, and
lowers the quiescent current from 9.5 mA to 500 μA.
The wide, 32
‑V supply range, 6000‑V/µs slew-
rate, and 310
‑mA output current drive make the
THS309x an excellent choice for high-voltage
arbitrary-waveform-driver applications. Moreover, with
the ability to handle large voltage swings driving
into low-resistance and high-capacitance loads while
maintaining good settling time performance, these
devices are an excellent choice for pin-driver and
power-FET driver applications.
The THS309x are offered in an 8
‑pin SOIC (DDA)
PowerPAD™ integrated circuit package. The THS3091
is also offered in an 8
‑pin HVSSOP (DGN) package.
Device Information(1)(2)
PART NUMBER
PD PIN
PACKAGE
THS3091
No
DDA (SO PowerPAD, 8)
DGN (HVSSOP, 8)
THS3095
Yes
DDA (SO PowerPAD, 8)
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
For more information, see the Device Comparison Table.
THS3217
Passive
Filter
DAC
Complementary
Output Current
THS3091
THS3091
THS3091
VOUT
Typical Arbitrary Waveform Generator Output Drive Circuit
THS3091, THS3095
SLOS423K – SEPTEMBER 2003 – REVISED APRIL 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - THS3095DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3095DDA TI-THS3095DDA Datasheet
1Mb / 31P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095DDA TI1-THS3095DDA Datasheet
1Mb / 36P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095DDA TI-THS3095DDA Datasheet
2Mb / 55P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3095DDA TI-THS3095DDA Datasheet
3Mb / 46P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3095DDAG4 TI1-THS3095DDAG4 Datasheet
1Mb / 36P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3095DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI-THS3091 Datasheet
1Mb / 31P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Texas Instruments
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3091 TI-THS3091_V01 Datasheet
2Mb / 55P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3091 TI-THS3091_V02 Datasheet
3Mb / 46P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com