Electronic Components Datasheet Search
  English  ▼

X  

TL071CPSR Datasheet(PDF) 14 Page - Texas Instruments

Part # TL071CPSR
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL071CPSR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL071CPSR Datasheet HTML 10Page - Texas Instruments TL071CPSR Datasheet HTML 11Page - Texas Instruments TL071CPSR Datasheet HTML 12Page - Texas Instruments TL071CPSR Datasheet HTML 13Page - Texas Instruments TL071CPSR Datasheet HTML 14Page - Texas Instruments TL071CPSR Datasheet HTML 15Page - Texas Instruments TL071CPSR Datasheet HTML 16Page - Texas Instruments TL071CPSR Datasheet HTML 17Page - Texas Instruments TL071CPSR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 89 page
background image
5.7 Electrical Characteristics for TL07xH (continued)
at VS = (VCC+) – (VCC–) = 4.5 V to 40 V (±2.25 V to ±20 V), TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and
VOUT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage output swing from
rail
Positive rail headroom
VS = 40 V, RL = 10 kΩ
115
210
mV
VS = 40 V, RL = 2 kΩ
520
965
Negative rail headroom
VS = 40 V, RL = 10 kΩ
105
215
VS = 40 V, RL = 2 kΩ
500
1030
ISC
Short-circuit current
±26
mA
CLOAD
Capacitive load drive
300
pF
ZO
Open-loop output
impedance
f = 1 MHz, IO = 0 A
125
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 A
937.5
1125
µA
IO = 0 A, (TL071H)
960
1156
IO = 0 A
TA = –40°C to +125°C
1130
IO = 0 A, (TL072H)
1143
IO = 0 A, (TL071H)
1160
Turn-on time
At TA = 25°C, VS = 40 V, VS ramp rate > 0.3 V/µs
60
μs
(1)
Maximum IB and IOS data are specified based on characterization results.
TL071, TL071A, TL071B, TL071H
TL072, TL072A, TL072B, TL072H, TL072M
TL074, TL074A, TL074B, TL074H, TL074M
SLOS080W – SEPTEMBER 1978 – REVISED JULY 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TL071 TL071A TL071B TL071H TL072 TL072A TL072B TL072H TL072M TL074 TL074A TL074B TL074H TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com