Electronic Components Datasheet Search
  English  ▼

X  

CSC32E5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSC32E5
Description  HC-49/US SMD Microprocessor Crystals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSC32E5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSC32E5 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
C A 32 C 3 - 30.000MHz
Package
C =HC49/US SMD (4.50mm max. ht.)
CS=HC49/US SMD (3.50mm max. ht.)
CR=HC49/US SMD (3.20mm max. ht.)
Tolerance/Stability
A=±50/100
N=±5/10
B=±30/50
C=±15/30
D=±15/50
Mode of Operation
E=±25/30
1=Fundamental (over 25.000MHz AT and BT Cut Available)
F=±25/50
3=Third Overtone, 5=Fifth Overtone
G=±10/30
Operating Temperature Range
H=±20/20
C=0°C to 70°C
J=± 30/30
E=-20°C to 70°C
K=±20/20
F=-40°C to 85°C
L=±10/25
Load Capacitance
M=±15/15
S=Series, XX=XXpF (Pico Farads)
C, CS, CR Series
HC-49/US SMD Microprocessor Crystals
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
Frequency Range
3.579545MHz to 100.000MHz
Frequency Tolerance/Stability
A, B, C, D, E, F, G, H, J, K, L, M
See above for details!
Other Combinations Available. Contact Factory for Custom Specifications.
Operating Temperature Range
“C” Option, “E” Option, “F” Option
0°C to 70°C, -20°C to 70°C, -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Load Capacitance
“S” Option
“XX” Option
Series
10pF to 50pF
Insulation Resistance
500 Megaohms Minimum at 100Vdc
Drive Level
2mWatts Maximum, 100uWatts Correlation
ELECTRICAL SPECIFICATIONS
Revision: 1994-F
Aging
±5ppm / year Maximum
Shunt Capacitance
7pF Maximum
Solder Temp. (max) / Plating / Moisture Sensitivity 260°C / Sn-Ag-Cu / None
MECHANICAL DIMENSIONS
Marking Guide
0.80 ±0.30
(X2)
4.85 Max
4.5
Max
12.4
3.51 TYP
All Dimensions in mm.
EQUIVALENT SERIES RESISTANCE (ESR)
Frequency (MHz)
ESR (ohms)
Frequency (MHz)
ESR (ohms)
Frequency (MHz)
ESR (ohms)
3.579545 to 4.999
120
9.000 to 12.999
50
26.000 to 39.999
100 (3rd OT)
5.000 to 5.999
80
13.000 to 19.000
40
40.000 to 75.000
80 (3rd OT)
6.000 to 6.999
70
20.000 to 29.000
30
7.000 to 8.999
60
30.000 to 50.000 (BT Cut)
40
11.3
10.0 ±0.2
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
12.000CYM
12.000 = Frequency
C
= Caliber Electronics Inc.
YM
= Date Code (Year/Month)


Similar Part No. - CSC32E5

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
CSC32E5 CALIBER-CSC32E5 Datasheet
41Kb / 1P
HC-49/US SMD Microprocessor Crystals
More results

Similar Description - CSC32E5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA32C3 ETC2-BA32C3 Datasheet
39Kb / 1P
HC-49/US Microprocessor Crystals
CQA32C3 ETC2-CQA32C3 Datasheet
40Kb / 1P
4 Pin HC-49/US SMD Microprocessor Crystal
logo
Caliber Electronics Inc...
BA32C1 CALIBER-BA32C1 Datasheet
44Kb / 1P
HC-49/US Microprocessor Crystals
CA32C1 CALIBER-CA32C1 Datasheet
41Kb / 1P
HC-49/US SMD Microprocessor Crystals
CQA32C1 CALIBER-CQA32C1 Datasheet
45Kb / 1P
4 Pin HC-49/US SMD Microprocessor Crystal
logo
CTS Corporation
ATS073BSM CTS-ATS073BSM Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS073SM-1 CTS-ATS073SM-1 Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
logo
PETERMANN-TECHNIK
HC-49US-SMD PETERMANN-HC-49US-SMD_14 Datasheet
860Kb / 4P
SMD QUARTZ CRYSTAL SERIES HC-49/US-SMD
logo
Raltron Electronics Cor...
AS-SMD RALTRON-AS-SMD Datasheet
193Kb / 2P
MICROPROCESSOR CRYSTAL HC-49/US LOW PROFILE
logo
Vectron International, ...
VXB1_VXB2 VECTRON-VXB1_VXB2 Datasheet
356Kb / 3P
HC-49/US SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com