Electronic Components Datasheet Search
  English  ▼

X  

QSS Datasheet(PDF) 1 Page - AUER Signal GmbH

Part # QSS
Description  LED steady/flashing beacon with buzzer indicator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUERSIGNAL [AUER Signal GmbH]
Direct Link  https://www.auersignal.com/
Logo AUERSIGNAL - AUER Signal GmbH

QSS Datasheet(HTML) 1 Page - AUER Signal GmbH

  QSS Datasheet HTML 1Page - AUER Signal GmbH QSS Datasheet HTML 2Page - AUER Signal GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
244
Internal diffuser and special lens pattern
for optimal 360° signalling effect
• 94 mm cubic-design LED steady/flashing beacon with
built-in buzzer indicator
• Max. 80 dB (A) sound pressure
• High degree of protection IP 65 & impact resistance IK09
• UV-stabilised material
• Steady and flashing light, can be switched externally
• Beacon with good frontal/lateral signalling effect
• 30 cd luminous intensity
• For industrial and general applications
Housing
94 mm (square), Polycarbonate red, piezo buzzer black
Lens
Polycarbonate, ribbed inside orange, red, clear, blue,
green or yellow
Type of mounting
any, any
Connection technology Screw/plug-in terminal up to 2,5 mm²
Beacon type
Steady beacon or Flashing beacon
Light source
16 LEDs
Luminous intensity
30 Cd
Strobe/flash frequency 1,4 Hz
technical data
Tone
2 Tones, 2 Tones can be switched externally,
Steady tone or Pulsing tone
Volume
80 dB
Tone frequency
3.500 Hz
Duty cycle
100 %
Service life
Light source: 50.000 h
Operating temperature -30 °C / +60 °C
Degree of protection
IP65
Impact resistance
IK09
Weight
300 g
qSS
Q-Series
LED steady/flashing beacon with buzzer indicator
e lectron i c So u n d e r – b eacon com b i nati on


Similar Part No. - QSS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QSS SAMTEC-QSS Datasheet
646Kb / 8P
0,635mm High Speed Socket / Terminal Strips
QSS-025-01-L-D-A SAMTEC-QSS-025-01-L-D-A Datasheet
306Kb / 1P
HIGH-SPEED GROUND PLANE SOCKET
QSS-025-01-L-D-RA-MTI SAMTEC-QSS-025-01-L-D-RA-MTI Datasheet
312Kb / 1P
RIGHT-ANGLE GROUND PLANE SOCKET
QSS-075-01-L-D-A SAMTEC-QSS-075-01-L-D-A Datasheet
1Mb / 1P
HIGH SPEED GROUND PLANE SOCKET
logo
PHOENIX CONTACT
QSS-19 PHOENIX-QSS-19 Datasheet
49Kb / 2P
Socket wrench, for tightening and unscrewing the QUICKON union nut, wrench size 19 mm
More results

Similar Description - QSS

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1922X00X CML-1922X00X Datasheet
342Kb / 1P
LED Indicator 14mm Standard Flashing
1922X35X CML-1922X35X Datasheet
408Kb / 1P
LED Indicator 14mm Standard Flashing
logo
PHOENIX CONTACT
2700115 PHOENIX-2700115 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700118 PHOENIX-2700118 Datasheet
139Kb / 5P
LED random flashing beacon element, 24 V DC
2700124 PHOENIX-2700124 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700126 PHOENIX-2700126 Datasheet
139Kb / 5P
LED random flashing beacon element, 24 V DC
2700129 PHOENIX-2700129 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700130 PHOENIX-2700130 Datasheet
140Kb / 5P
LED random flashing beacon element, 24 V DC
2700134 PHOENIX-2700134 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
logo
Schneider Electric
XVR3B03S SCHNEIDER-XVR3B03S Datasheet
158Kb / 5P
Harmony XVR, Illuminated beacon with buzzer, Harmony XVR, Illuminated beacon with buzzer, DC
May 24, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com