Electronic Components Datasheet Search
  English  ▼

X  

PLG6C Datasheet(PDF) 2 Page - Pyle USA Sound Around, Inc.

Part # PLG6C
Description  PLG6C One Pair 6.5' Mid Bass Speaker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYLE [Pyle USA Sound Around, Inc.]
Direct Link  https://pyleusa.com/
Logo PYLE - Pyle USA Sound Around, Inc.

PLG6C Datasheet(HTML) 2 Page - Pyle USA Sound Around, Inc.

  PLG6C Datasheet HTML 1Page - Pyle USA Sound Around, Inc. PLG6C Datasheet HTML 2Page - Pyle USA Sound Around, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 Frequency response: 50Hz-5KHz
 Mounting Depth: 2.65"
 One Pair 0.5" Tweeter:
 0.5'' Silk Dome Tweeter
 Neodymium Magnet
 3 Mounting Options: Flush, Surface or Angle Mount
 50 Watts RMS / 100 Watts peak
 Frequency response: 1.3-22KHz
 Impedance: 4 Ohm
 One Pair Passive Crossover Network:
 Two - Way Passive Crossover
 12 dB Octave Slope
 Accessories
 Includes Grills Wires Installation Hardware
 Wiring Kit
 Wiring Diagram Template
 Cut-out Size: Φ142 mm
 Sold as: Pair
 Weight: 6.17 lbs.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com