Electronic Components Datasheet Search
  English  ▼

X  

PTP900 Datasheet(PDF) 3 Page - BROTHER INTERNATIONAL. LTD. All Rights Reserved

Part # PTP900
Description  Professional Network Label Printer Range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BROTHER [BROTHER INTERNATIONAL. LTD. All Rights Reserved]
Direct Link  https://www.brother.com.au/
Logo BROTHER - BROTHER INTERNATIONAL. LTD. All Rights Reserved

PTP900 Datasheet(HTML) 3 Page - BROTHER INTERNATIONAL. LTD. All Rights Reserved

  PTP900 Datasheet HTML 1Page - BROTHER INTERNATIONAL. LTD. All Rights Reserved PTP900 Datasheet HTML 2Page - BROTHER INTERNATIONAL. LTD. All Rights Reserved PTP900 Datasheet HTML 3Page - BROTHER INTERNATIONAL. LTD. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
All specifications correct at time of printing. Brother is a registered trademark of Brother Industries Ltd.
Brand product names are registered trademarks or trademarks of their respective companies. Label images
shown are for illustrative purposes only and some aspects may not be reproducable on this model.
Product specifications may be subject to change. E&OE.
Shepley Street, Audenshaw, Manchester M34 5JD
Tel:+44(0)333 777 4444 Fax:+44(0)161 931 2218
Website: www.brother.co.uk
Brother UK Ltd
Contact:
Label printing
Connectivity: Wired
USB: Windows®(USB1.1, 2.0, 3.0 protocol) | Mac (USB 1.0, 2.0 protocol)
Network: 10 Base-T/100 Base-TX (PT-P950NW only)
Serial: RS-232C (for printing with ESC/P commands only. Requires optional serial adapter)
Wireless Direct: IEEE802.11n | Ad-Hoc mode: IEEE802.11b | Infrastructure mode: IEEE802.11b/g/n | WPS 2.0
Connectivity: Wireless
Connectivity: Bluetooth (optional accessory for PT-P950NW)
Bluetooth 2.1+EDR | Profiles: SPP, OPP
Label creation (PC/Mac)
Uses P-touch Editor professional label design software
Link to data stored in Microsoft® Excel® (Windows®) and .csv (Mac) files, to merge onto your labels
Barcode protocols supported:
1D: CODE39, CODE128, ITF 2/5, EAN13, EAN8, UPC-A, UPC-E, CODABAR, GS1-128 (UCC/EAN128)
Dimensions and weights
118mm (w) x 192mm (d) x 146mm (h) | 1.48kg (PT-P900W) / 1.51kg (PT-P950NW)
Supplied with printer
36mm black on white laminated label cassette (8m)
Prints labels up to 36mm in width
Maximum print height of 32mm for near edge-to-edge printing
360dpi print resolution for crisp, legible text, images and barcodes
Choose any of the fonts installed on your PC/Mac to fully customise your label
2D: QR Code, PDF417, Data Matrix, Aztec Code, RSS-14 (Standard, Truncated, Stacked, StackedOmni), RSS-Limited, RSS Expanded (Standard, Stacked)
AC adapter
Fast print speed of 60mm/second
Built-in automatic label cutter with easy-peel function
Minimum label length: 4mm | Maximum label length: 1 metre
Print up to 17 lines per label
Number of copies: 1-999
Supports popular image formats (.bmp, .dib, .jpg, .tif, .ico, .wmf)
Special cable labelling wizard to easily create labels for cables, patch panels, faceplates and switches
Use the date/time stamp to automatically include current or future date/time on your labels
Printer emulations/printer modes
P-touch Raster | ESC/P | P-touch Template
USB cable
User guide
Tape types supported
TZe tape cassettes: 3.5mm-36mm
HSe heat-shrink tube: 5.8mm-23.6mm
FLe die-cut labels: 45mm x 21mm size
Specifications
System Requirements
Operating Systems: Microsoft® Windows Vista® | Microsoft® Windows® 7 | Microsoft® Windows® 8 | Microsoft® Windows® 8.1
Microsoft® Windows® 10 | Microsoft® Windows Server® 2008 | Microsoft® Windows Server® 2008 R2 | Microsoft® Windows Server® 2012
Microsoft® Windows Server® 2012 R2 | Mac OS X 10.9.5/10.10.x/10.11.x
Hard disk space: Windows®: More than 70MB | Mac: More than 500MB
System memory: As per operating system requirements
Microsoft® Office® support for P-touch add-in:
Microsoft® Word 2007/2010/2013/2016 | Microsoft® Excel® 2007/2010/2013/2016 | Microsoft® Outlook® 2007/2010/2013/2016
Microsoft, Windows, Windows Server and Windows Vista are either registered trademarks or trademarks of Microsoft Corporation in the United States
and/or other countries. Apple, Mac, Mac OS, iPhone, iPad and iPod touch are trademarks of Apple Inc., registered in the U.S. and other countries.
PA-BB-002
Battery base for li-ion
battery
PA-BT-4000LI
Lithium-Ion rechargeable
battery
PA-SCA-001
RJ25 to DB9M serial
adapter
PA-BI-002
Bluetooth interface
(PT-P950NW only)
PA-TDU-003
Touch Panel display unit
for stand-alone printing of
labels (PT-P950NW only)
Optional accessories
PT-P900 takes the serial adapter, battery and battery base only. The PT-P950 takes all the below accessories.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com