Electronic Components Datasheet Search
  English  ▼

X  

LSMH-1608 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LSMH-1608
Description  High Frequency Multilayer Chip Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LSMH-1608 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LSMH-1608 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Dimensions
Packaging Style
(Length, Width)
B=Bulk
T=Tape & Reel
Inductance Code
Tolerance
S=0.3 nH, J=5%, K=10%, M=20%
LSMH - 1608 - 1N2 S - T
High Frequency Multilayer Chip Inductor
(LSMH-1608 Series)
Features
Inductance Range
1.2 nH to 100 nH
Tolerance
0.3 nH, 5%, 10%, 20%
Operating Temperature
-25°C to +85°C
1.6 ± 0.2
0.80 ± 0.15
0.80 ± 0.15
0.3 ± 0.2
0.3 ± 0.2
Dimensions in mm
Specifications subject to change without notice.
Rev. 10/00
(Not to scale)
Electrical Specifications
Inductance
Code
Inductance
(nH)
Available
Tolerance
Q
Min
LQ Test Freq
(MHz)
SRF
(MHz)
RDC
(mA)
IDC
(mA)
1N2
1.2
S
13
100
6000
0.10
500
1N5
1.5
S
13
100
6000
0.10
500
1N8
1.8
S
13
100
6000
0.10
500
2N2
2.2
S
13
100
6000
0.10
500
2N7
2.7
S
13
100
6000
0.10
500
3N3
3.3
J, K, M
13
100
5900
0.12
500
3N9
3.9
J, K, M
13
100
5600
0.14
500
4N7
4.7
J, K, M
13
100
4800
0.16
500
5N6
5.6
J, K, M
13
100
4350
0.18
500
6N8
6.8
J, K, M
13
100
3750
0.22
500
8N2
8.2
J, K, M
13
100
3300
0.24
500
10N
10
J, K, M
13
100
2850
0.26
400
12N
12
J, K, M
15
100
2500
0.28
400
15N
15
J, K, M
15
100
2150
0.26
400
18N
18
J, K, M
16
100
2100
0.32
400
22N
22
J, K, M
17
100
1850
0.40
400
27N
27
J, K, M
17
100
1680
0.45
400
33N
33
J, K, M
18
100
1580
0.55
400
39N
39
J, K, M
18
100
1400
0.60
300
47N
47
J, K, M
18
100
1200
0.70
300
56N
56
J, K, M
18
100
1100
0.75
300
68N
68
J, K, M
18
100
1050
0.85
300
82N
82
J, K, M
18
100
900
1.50
300
R10
100
J, K, M
18
100
850
2.10
300
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - LSMH-1608

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
High Frequency Multilayer Chip Inductor
LSMH-1608-10NJ-B CALIBER-LSMH-1608-10NJ-B Datasheet
25Kb / 1P
High Frequency Multilayer Chip Inductor
LSMH-1608-10NJ-T CALIBER-LSMH-1608-10NJ-T Datasheet
25Kb / 1P
High Frequency Multilayer Chip Inductor
LSMH-1608-10NK-B CALIBER-LSMH-1608-10NK-B Datasheet
25Kb / 1P
High Frequency Multilayer Chip Inductor
LSMH-1608-10NK-T CALIBER-LSMH-1608-10NK-T Datasheet
25Kb / 1P
High Frequency Multilayer Chip Inductor
More results

Similar Description - LSMH-1608

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK10053N9J TAIYO-YUDEN-HK10053N9J Datasheet
107Kb / 2P
MULTILAYER CHIP INDUCTOR FOR HIGH FREQUENCY HK SERIES
logo
List of Unclassifed Man...
LSMH-1005 ETC2-LSMH-1005 Datasheet
24Kb / 1P
High Frequency Multilayer Chip Inductor
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
High Frequency Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSMH-1005 CALIBER-LSMH-1005 Datasheet
25Kb / 1P
High Frequency Multilayer Chip Inductor
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
High Frequency Multilayer Chip Inductor
logo
Murata Manufacturing Co...
LQG15HN1N0S02D MURATA-LQG15HN1N0S02D Datasheet
51Kb / 2P
Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HS1N1S02D MURATA-LQG15HS1N1S02D Datasheet
52Kb / 2P
Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HS1N0S02D MURATA-LQG15HS1N0S02D Datasheet
52Kb / 2P
Chip Inductor (Chip Coil) for High Frequency Multilayer Type
logo
Samsung semiconductor
CIH05T1N2SNC SAMSUNG-CIH05T1N2SNC Datasheet
204Kb / 3P
Multilayer High Frequency inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com