Electronic Components Datasheet Search
  English  ▼

X  

TL081 Datasheet(PDF) 21 Page - Texas Instruments

Part # TL081
Description  TL08xx FET-Input Operational Amplifiers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL081 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TL081 Datasheet HTML 17Page - Texas Instruments TL081 Datasheet HTML 18Page - Texas Instruments TL081 Datasheet HTML 19Page - Texas Instruments TL081 Datasheet HTML 20Page - Texas Instruments TL081 Datasheet HTML 21Page - Texas Instruments TL081 Datasheet HTML 22Page - Texas Instruments TL081 Datasheet HTML 23Page - Texas Instruments TL081 Datasheet HTML 24Page - Texas Instruments TL081 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
5.10 Typical Characteristics: TL08xH (continued)
at TA = 25°C, VS = 40V ( ±20V), VCM = VS / 2, RLOAD = 10kΩ connected to VS / 2, and CL = 20pF (unless otherwise noted)
Figure 5-25. Phase Margin vs Capacitive Load
VS = ±10V, VIN = VOUT
Figure 5-26. No Phase Reversal
G = –10
Figure 5-27. Positive Overload Recovery
G = –10
Figure 5-28. Negative Overload Recovery
CL = 20pF, G = 1, 10mV step response
Figure 5-29. Small-Signal Step Response, Rising
CL = 20pF, G = 1, 10mV step response
Figure 5-30. Small-Signal Step Response, Falling
www.ti.com
TL081, TL081A, TL081B, TL081H
TL082, TL082A, TL082B, TL082H
TL084, TL084A, TL084B, TL084H
SLOS081O – FEBRUARY 1977 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TL081 TL081A TL081B TL081H TL082 TL082A TL082B TL082H TL084 TL084A TL084B TL084H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com