Electronic Components Datasheet Search
  English  ▼

X  

TL431ACDBVT.A Datasheet(PDF) 28 Page - Texas Instruments

Part # TL431ACDBVT.A
Description  TL431, TL432 Precision Programmable Reference
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL431ACDBVT.A Datasheet(HTML) 28 Page - Texas Instruments

Back Button TL431ACDBVT.A Datasheet HTML 24Page - Texas Instruments TL431ACDBVT.A Datasheet HTML 25Page - Texas Instruments TL431ACDBVT.A Datasheet HTML 26Page - Texas Instruments TL431ACDBVT.A Datasheet HTML 27Page - Texas Instruments TL431ACDBVT.A Datasheet HTML 28Page - Texas Instruments TL431ACDBVT.A Datasheet HTML 29Page - Texas Instruments TL431ACDBVT.A Datasheet HTML 30Page - Texas Instruments TL431ACDBVT.A Datasheet HTML 31Page - Texas Instruments TL431ACDBVT.A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
9.3 System Examples
R
(see Note A)
VO
TL431
VI(BATT)
2N222
2N222
4.7 kΩ
R1
0.1%
R2
0.1%
0.01 µF
30 Ω
O
ref
R1
V
= 1 +
V
R2
æ
ö
ç
÷
è
ø
A.
R should provide cathode current ≥1mA to the TL431 at minimum V(BATT).
Figure 9-5. Precision High-Current Series Regulator
VO
TL431
VI(BATT)
uA7805
IN
OUT
Common
R1
R2
V
O
1
R1
R2
V
ref
Minimum V
O
V
ref
5 V
=
+
=
+
(
(
Figure 9-6. Output Control of a Three-Terminal Fixed Regulator
VO
TL431
VI(BATT)
R1
R2
V
O
1
R1
R2
V
ref
=
+
(
(
Figure 9-7. High-Current Shunt Regulator
VO
TL431
VI(BATT)
R1
R2
C
(see Note A)
A.
Refer to the stability boundary conditions in Figure 6-16 and Figure 6-18 to determine allowable values for C.
Figure 9-8. Crowbar Circuit
TL431, TL432
SLVS543S – AUGUST 2004 – REVISED MAY 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TL431 TL432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com