Electronic Components Datasheet Search
  English  ▼

X  

78L24A Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # 78L24A
Description  3-Terminal Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

78L24A Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  78L24A Datasheet HTML 1Page - Estek Electronics Co. Ltd 78L24A Datasheet HTML 2Page - Estek Electronics Co. Ltd 78L24A Datasheet HTML 3Page - Estek Electronics Co. Ltd 78L24A Datasheet HTML 4Page - Estek Electronics Co. Ltd 78L24A Datasheet HTML 5Page - Estek Electronics Co. Ltd 78L24A Datasheet HTML 6Page - Estek Electronics Co. Ltd 78L24A Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings
2
BEIJING ESTEK ELECTRONICS CO.,LTD
over operating temperature range (unless otherwise noted)
Maximum
Units
Parameter
78L05A
thru
78L10A
thru
78L24A
Input voltage
30
35
40
V
Operating free-air, case, or virtual junction temperature range
0 to 150
0 to 150
0 to 150
Storage temperature range
-65 to 150
-65 to 150
-65 to 150
Lead temperature 1.6 mm (1/16 inch) from case for
10 seconds
260
260
260
°C
Recommended Operating Conditions
Parameter
Min
Max
Units
78L05A
7
20
78L06A
8
20
78L08A
10.5
23
78L09A
11.5
24
78L10A
12.5
25
78L12A
14.5
27
78L15A
17.5
30
78L18A
20.5
33
Input voltage, VI
78L24A
26.5
39
V
Output current, IO
100
mA
Operating virtual junction temperature, TJ
0
125
°C
Device Selection Guide
Device
Output Voltage
78L05A
5 V
78L06A
6 V
78L08A
8 V
78L09A
9 V
78L10A
10 V
78L12A
12 V
78L15A
15 V
78L18A
18 V
78L24A
24 V
78L12A
78L18A
78LXX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com